Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2773TL/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2773TL/NOPB
Description  LM2773 Low-Ripple 1.8V/1.6V Spread-Spectrum Switched Capacitor Step-Down Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2773TL/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2773TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2773TL/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LM2773
www.ti.com
SNVS554A – JANUARY 2008 – REVISED MAY 2013
OPERATION DESCRIPTION
Overview
The LM2773 is a switched capacitor converter that produces a selectable 1.8V or 1.6V regulated output. The
core of the part is a highly efficient charge pump that utilizes fixed frequency pre-regulation, Pulse Frequency
Modulation, and spread spectrum to minimize conducted noise and power losses over wide input voltage and
output current ranges. A description of the principal operational characteristics of the LM2773 is detailed in the
Circuit Description, and Efficiency Performance sections. These sections refer to details in the Block Diagram.
Circuit Description
The core of the LM2773 is a two-phase charge pump controlled by an internally generated non-overlapping
clock. The charge pump operates by using external flying capacitors C1 and C2 to transfer charge from the input
to the output. The LM2773 will operate in a 1x Gain, with the input current being equal to the load current, when
the input voltage is at or below 3.5V (typ.) for 1.8V mode or 3.3V (typ.) for 1.6V mode. At input voltages above
3.5V (typ.) or 3.3V (typ.) for the respective voltage mode selected, the part utilizes a gain of 2/3x, resulting in an
input current equal to 2/3 times the load current.
The two phases of the switched capacitor switching cycle will be referred to as the "charge phase" and the
"discharge phase". During the charge phase, the flying capacitor is charged by the input supply. After half of the
switching cycle [ t = 1/(2×FSW) ], the LM2773 switches to the discharge phase. In this configuration, the charge
that was stored on the flying capacitors in the charge phase is transferred to the output.
The LM2773 uses fixed frequency pre-regulation to regulate the output voltage to 1.8V during moderate to high
load currents. The input and output connections of the flying capacitors are made with internal MOS switches.
Pre-regulation limits the gate drive of the MOS switch connected between the voltage input and the flying
capacitors. Controlling the on resistance of this switch limits the amount of charge transferred into and out of
each flying capacitor during the charge and discharge phases, and in turn helps to keep the output ripple very
low.
When output currents are low (<40mA typ.), the LM2773 automatically switches to a low-ripple Pulse Frequency
Modulation (PFM) form of regulation. In PFM mode, the flying capacitors stay in the discharge phase until the
output voltage drops below a predetermined trip point. When this occurs, the flying capacitors switch back to the
charge phase. After being charged, the flying capacitors repeat the process of staying in the discharge phase
and switching to the charge phase when necessary.
The LM2773 utilizes spread spectrum operation to distrubute the peak radiated energy of the device over a wider
frequency band, reducing electromagnetic interference (EMI). Spread spectrum is used during all modes of
operation for the LM2773.
Efficiency Performance
Charge-pump efficiency is derived in the following two ideal equations (supply current and other losses are
neglected for simplicity):
IIN = G × IOUT
(1)
E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
(2)
In the equations, G represents the charge pump gain. Efficiency is at its highest as G×VIN approaches VOUT.
Refer to the efficiency graph in the Typical Performance Characteristics section for detailed efficiency data. The
transition between the gain of 1x and 2/3x is clearly distinguished by the sharp discontinuity in the efficiency
curve.
Shutdown and Voltage Select
The LM2773 is in shutdown mode when the voltage on the enable pin (EN) is logic-low. In shutdown, the
LM2773 draws virtually no supply current. When in shutdown, the output of the LM2773 is completely
disconnected from the input. Internal feedback resistors pull the output voltage down to 0V during shutdown.
The SEL pin sets the output voltage at either 1.8V or 1.6V. A logic-low voltage on the SEL pin will place the
output of the LM2773 in the 1.6V mode, and a logic-high voltage on the SEL pin will place it into the 1.8V mode.
There are 350k
Ω pull-down resistors connected internally between the EN pin and GND and the SEL pin and
GND.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2773



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com