Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH06 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
17
5.1. Issuing a Measurement Command
The measurement commands instruct the TH06 to perform one of two possible measurements; Relative Humidity
or Temperature. The procedure to issue any one of these commands is identical. While the measurement is in
progress, the option of either clock stretching (Hold Master Mode) or Not Acknowledging read requests (No Hold
Master Mode) is available to indicate to the master that the measurement is in progress; the chosen command
code determines which mode is used.
Optionally, a checksum byte can be returned from the slave for use in checking for transmission errors. The
checksum byte will follow the least significant measurement byte if it is acknowledged by the master. The
checksum byte is not returned if the master “not acknowledges” the least significant measurement byte. The
checksum byte is calculated using a CRC generator polynomial of x8 + x5 + x4 + 1, with an initialization of 0x00.
The checksum byte is optional after initiating an RH or temperature measurement with commands 0xE5, 0xF5,
0xE3, and 0xF3. For all other commands, the checksum byte is not supported.
Master
Slave
Sequence to perform a measurement and read back result (Hold Master Mode)
S
Slave
Address
W
A
Measure
Cmd
A
Sr
Slave
Address
R
A
Clock stretch
during
measurement
MS Byte
A
LS Byte
NA
P
A
Checksum
NA
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com