Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH06 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TH06
Description  I2C HUMIDITYAND TEMPERATURE SENSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH06 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TH06 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH06 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Tel:+86-755-82973805
Fax: +86-755-82973550
Email:sales@hoperf.com
http://www.hoperf.com
10
2. Typical Application Circuits
The primary function of the TH06 is to measure relative humidity and temperature. Figure 4 demonstrates the
typical application circuit to achieve these functions.
1.9 to 3.6V
0.1µF
10k
Ω 10kΩ
5
VDD
TH06
SCL
6
SDA
1
SCL
SDA
GND
2
Figure 4. Typical Application Circuit for Relative Humidity and Temperature Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com