Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20136MH/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM20136MH/NOPB
Description  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20136MH/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM20136MH/NOPB Datasheet HTML 1Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 2Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 3Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 4Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 5Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 6Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 7Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 8Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
L=SPM6530T-1R0M120
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
L=SPM6530T-1R0M120
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
VOUT = 3.3V
L=SPM6530T-R68M140
VOUT = 1.2V
VOUT = 1.5V
VOUT = 2.5V
L=SPM6530T-R68M140
LM20136
www.ti.com
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: CIN = COUT = 100µF, L = 1.0µH (TDK SPM6530T-1R0M120), VIN = 5V, VOUT = 1.2V, RLOAD =
1.2
Ω, fSW = 1 MHz, TA = 25°C for efficiency curves, loop gain plots and waveforms, and TJ = 25°C for all others.
Efficiency
Efficiency
vs.
vs.
Load Current (VIN = 5V, fSW = 1 MHz)
Load Current (VIN = 3.3V, fSW = 1 MHz)
Figure 2.
Figure 3.
Efficiency
Efficiency
vs.
vs.
Load Current (VIN = 5V, fSW = 500 kHz)
Load Current (VIN = 3.3V, fSW = 500 kHz)
Figure 4.
Figure 5.
High-Side FET resistance
Low-Side FET resistance
vs.
vs.
Temperature (TJ)
Temperature (TJ)
Figure 6.
Figure 7.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM20136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com