Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM20136MH/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM20136MH/NOPB
Description  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20136MH/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM20136MH/NOPB Datasheet HTML 1Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 2Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 3Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 4Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 5Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 6Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 7Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 8Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20136
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
(optional)
SYNC
LM20136
www.ti.com
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
Check for Samples: LM20136
1
FEATURES
DESCRIPTION
The LM20136 is a full featured synchronous buck
2
•
Input Voltage Range 2.95V to 5.5V
regulator capable of delivering up to 6A of continuous
•
Accurate Current Limit Minimizes Inductor
output current. The current mode control loop can be
Size
compensated to be stable with virtually any type of
•
97% Peak Efficiency
output capacitor. For most cases, compensating the
device
only
requires
two
external
components,
•
Frequency Synchronization Pin
providing maximum flexibility and ease of use. The
•
16m
Ω and 20mΩ Integrated FET Switches
device is optimized to work over the input voltage
•
Starts up Into Pre-biased Loads
range of 2.95V to 5.5V making it suitable for a wide
variety of low voltage systems.
•
Output Voltage Tracking
•
Peak Current Mode Control
The device features internal over voltage protection
(OVP) and over current protection (OCP) circuits for
•
Adjustable Output Voltage Down to 0.8V
increased system reliability. A precision enable pin
•
Adjustable Soft-Start with External Capacitor
and integrated UVLO allows the turn on of the device
•
Precision Enable Pin with Hysteresis
to be tightly controlled and sequenced. Start-up
inrush currents are limited by both an internally fixed
•
Integrated OVP, UVLO, Power Good and
and externally adjustable Soft-Start circuit. Fault
Thermal Shutdown
detection and supply sequencing are possible with
•
16-Pin HTSSOP exposed Pad Package
the integrated power good circuit.
The switching frequency of the LM20136 can be
APPLICATIONS
synchronized to an external clock by use of the
•
Simple to Design, High Efficiency Point of
SYNC pin. The SYNC pin is capable of synchronizing
Load Regulation from a 5V or 3.3V Bus
to input signals ranging from 500 kHz to 1.5 MHz
•
High Performance DSPs, FPGAs, ASICs and
The LM20136 is designed to work well in multi-rail
Microprocessors
power supply architectures. The output voltage of the
•
Broadband, Networking and Optical
device can be configured to track a higher voltage rail
using the SS/TRK pin. If the output of the LM20136 is
Communications Infrastructure
pre-biased at startup it will not pull the ouput low.
The LM20136 is offered in a 16-pin HTSSOP
package with an exposed pad that can be soldered to
the PCB, eliminating the need for bulky heatsinks.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM20136MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM20136MH/NOPB TI2-LM20136MH/NOPB Datasheet
1Mb / 35P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
REVISED APRIL 2013
LM20136MH/NOPB.A TI2-LM20136MH/NOPB.A Datasheet
1Mb / 35P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
REVISED APRIL 2013
LM20136MH/NOPB.B TI2-LM20136MH/NOPB.B Datasheet
1Mb / 35P
LM20136 6A, Synchronous Buck Regulator with Input Synchronization
REVISED APRIL 2013
More results

Similar Description - LM20136MH/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MH TI1-LM20134MH Datasheet
1Mb / 31P
LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
3A Synchronous Buck Regulator with Frequency Synchronization
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
ON Semiconductor
FAN2356AMPX ONSEMI-FAN2356AMPX Datasheet
1Mb / 21P
6A Synchronous Buck Regulator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com