Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42744GV33 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE42744GV33
Description  Very Low Current Consumption
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744GV33 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE42744GV33 Datasheet HTML 1Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 2Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 3Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
4
Rev. 1.2, 2014-07-03
TLE42744
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment PG-TO252-3, PG-TO263-3 and PG-SOT223-4
Figure 2
Pin Configuration (top view)
3.2
Pin Definitions and Functions PG-TO252-3, PG-TO263-3 and PG-SOT223-4
Pin No.
Symbol Function
1I
Input
block to ground directly at the IC with a ceramic capacitor
2GND
Ground
internally connected to heat slug
3Q
Output
block to ground with a capacitor close to the IC terminals, respecting the values given
for its capacitance and ESR in “Functional Range” on Page 6
4 / Heat Slug
Heat Slug
internally connected to GND;
connect to GND and heatsink area
AEP02561
13
Ι
Q
GND
GND
Ι
Q
AEP02281
PinConfig_PG-SOT223-
4.vsd
12
3
4
I
GND
GND
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com