Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42744GV33 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42744GV33
Description  Very Low Current Consumption
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42744GV33 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42744GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 10Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 11Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 12Page - Infineon Technologies AG TLE42744GV33 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLE42744
Electrical Characteristics
Data Sheet
9
Rev. 1.2, 2014-07-03
5
Electrical Characteristics
5.1
Electrical Characteristics Voltage Regulator
Table 4
Electrical Characteristics
V
I =13.5 V; Tj = -40 °C to 150 °C; all voltages with respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note / Test Condition
Number
Min.
Typ.
Max.
Output Q
Output Voltage
V
Q
4.9
5.0
5.1
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
5mA <
I
Q<400 mA
6V <
V
I <28V
P_5.1.1
Output Voltage
V
Q
4.9
5.0
5.1
V
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
5mA <
I
Q<200 mA
6V <
V
I <40V
P_5.1.2
Output Voltage
V
Q
3.23
3.3
3.37
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
5mA <
I
Q<400 mA
4.7 V <
V
I <28V
P_5.1.3
Output Voltage
V
Q
3.23
3.3
3.37
V
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
5mA <
I
Q<200 mA
4.7 V <
V
I <40V
P_5.1.4
Dropout Voltage
V
dr
250
500
mV
TLE42744DV50,
TLE42744GV50,
TLE42744EV50
I
Q = 250 mA
V
dr = VI VQ
1)
P_5.1.5
Load Regulation
V
Q, lo
20
50
mV
TLE42744DV50,
TLE42744GV50,
TLE42744EV50;
I
Q = 5 mA to 400 mA
V
I =6V
P_5.1.6
Load Regulation
V
Q, lo
40
70
mV
TLE42744GV33,
TLE42744DV33,
TLE42744GSV33;
I
Q = 5 mA to 300 mA
P_5.1.7
Line Regulation
V
Q, li
1025mV
V
l = 12 V to 32 V
I
Q =5mA
P_5.1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com