Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002PWPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 15Page - Texas Instruments LM46002PWPR Datasheet HTML 16Page - Texas Instruments LM46002PWPR Datasheet HTML 17Page - Texas Instruments LM46002PWPR Datasheet HTML 18Page - Texas Instruments LM46002PWPR Datasheet HTML 19Page - Texas Instruments LM46002PWPR Datasheet HTML 20Page - Texas Instruments LM46002PWPR Datasheet HTML 21Page - Texas Instruments LM46002PWPR Datasheet HTML 22Page - Texas Instruments LM46002PWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
0
50
100
150
200
250
0
500
1000
1500
2000
2500
Switching Frequency (kHz)
C008
Enable
Internal SS Ramp
Ext Tracking Signal to SS pin
VOUT
LM46002
www.ti.com
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
Feature Description (continued)
Figure 39. Tracking with Shorter Start-up Time Than The Internal Ramp
8.3.7 Switching Frequency (RT) and Synchronization (SYNC)
The switching frequency of the LM46002 can be programmed by the impedance RT from the RT pin to ground.
The frequency is inversely proportional to the RT resistance. The RT pin can be left floating and the LM46002 will
operate at 500 kHz default switching frequency. The RT pin is not designed to be shorted to ground.
For a desired frequency, typical RT resistance can be found by Equation 3.
RT(kΩ) = 40200 / Freq (kHz) - 0.6
(3)
Figure 40 shows RT resistance vs switching frequency FS curve.
Figure 40. RT Resistance vs Switching Frequency
Table 1 provides typical RT values for a given FS.
Table 1. Typical Frequency Setting RT Resistance
FS (kHz)
RT (kΩ)
200
200
350
115
500
80.6
750
53.6
1000
39.2
1500
26.1
2000
19.6
2200
17.8
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com