Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002PWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002PWPR
Description  SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM46002PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM46002PWPR Datasheet HTML 20Page - Texas Instruments LM46002PWPR Datasheet HTML 21Page - Texas Instruments LM46002PWPR Datasheet HTML 22Page - Texas Instruments LM46002PWPR Datasheet HTML 23Page - Texas Instruments LM46002PWPR Datasheet HTML 24Page - Texas Instruments LM46002PWPR Datasheet HTML 25Page - Texas Instruments LM46002PWPR Datasheet HTML 26Page - Texas Instruments LM46002PWPR Datasheet HTML 27Page - Texas Instruments LM46002PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46002
VIN
COUT
CBOOT
CIN
CVCC
VOUT
RFBT
RFBB
CFF
L
PGOOD
LM46002
SNVSA13B – APRIL 2014 – REVISED SEPTEMBER 2014
www.ti.com
9 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM46002 is a step down DC-to-DC regulator. It is typically used to convert a higher DC voltage to a lower
DC voltage with a maximum output current of 2 A. The following design procedure can be used to select
components for the LM46002. Alternately, the WEBENCH® software may be used to generate complete designs.
When generating a design, the WEBENCH® software utilizes iterative design procedure and accesses
comprehensive databases of components. Please go to www.ti.com for more details.
This section presents a simplified discussion of the design process.
9.2 Typical Applications
The LM46002 only requires a few external components to convert from a wide range of supply voltage to output
voltage. Figure 44 shows a basic schematic when BIAS is connected to VOUT . This is recommended for VOUT ≥
3.3 V. For VOUT < 3.3 V, BIAS should be connected to ground, as shown in Figure 45.
Figure 44. LM46002 Basic Schematic for
Figure 45. LM46002 Basic Schematic for
VOUT ≥ 3.3 V, Tie BIAS to VOUT
VOUT < 3.3 V, t-Tie BIAS to Ground
The LM46002 also integrates a full list of optional features to aid system design requirements, such as precision
enable, VCC UVLO, programmable soft-start, output voltage tracking, programmable switching frequency, clock
synchronization and power-good indication. Each application can select the features for a more comprehensive
design. A schematic with all features utilized is shown in Figure 46.
24
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM46002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com