Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 32R
Description  Two output channels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  32R Datasheet HTML 1Page - List of Unclassifed Manufacturers 32R Datasheet HTML 2Page - List of Unclassifed Manufacturers 32R Datasheet HTML 3Page - List of Unclassifed Manufacturers 32R Datasheet HTML 4Page - List of Unclassifed Manufacturers 32R Datasheet HTML 5Page - List of Unclassifed Manufacturers 32R Datasheet HTML 6Page - List of Unclassifed Manufacturers 32R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Board 1 SKYPER
® 32 R - Technical Explanations
3
2010-04-21 – Rev01
© by SEMIKRON
Please provide for static discharge protection during handling. As long as the hybrid driver is not completely assembled,
the input terminals have to be short-circuited. Persons working with devices have to wear a grounded bracelet. Any
synthetic floor coverings must not be statically chargeable. Even during transportation the input terminals have to be
short-circuited using, for example, conductive rubber. Worktables have to be grounded. The same safety requirements
apply to MOSFET- and IGBT-modules.
Any parasitic inductances within the DC-link have to be minimised. Over-voltages may be absorbed by C- or RCD-
snubber networks between main terminals for PLUS and MINUS of the power module.
When first operating a newly developed circuit, SEMIKRON recommends to apply low collector voltage and load current
in the beginning and to increase these values gradually, observing the turn-off behaviour of the free-wheeling diode and
the turn-off voltage spikes generated across the IGBT. An oscillographic control will be necessary. Additionally, the case
temperature of the module has to be monitored. When the circuit works correctly under rated operation conditions,
short-circuit testing may be done, starting again with low collector voltage.
It is important to feed any errors back to the control circuit and to switch off the device immediately in failure events.
Repeated turn-on of the IGBT into a short circuit with a high frequency may destroy the device.
The inputs of the hybrid driver are sensitive to over-voltage. Voltages higher than VS +0,3V or below -0,3V may destroy
these inputs. Therefore, control signal over-voltages exceeding the above values have to be avoided.
The connecting leads between hybrid driver and the power module should be as short as possible (max. 20cm), the
driver leads should be twisted.
Further application support
Latest information is available at http://www.semikron.com. For design support please read the SEMIKRON Application
Manual Power Modules available at http://www.semikron.com.
General Description
The Board 1 SKYPER
® 32 is an adaptor board for the IGBT module e.g. SEMITRANS™, SEMiX® (solder pin version). The
board can be customized allowing adaptation and optimization to the used IGBT module.
The switching characteristic of the IGBT can be influenced through user settings, e.g. changing turn-on and turn-off speed
by variation of RGon and RGoff. Furthermore, it is possible to adjust the monitoring level and blanking time for the DSCP (see
Technical Explanations SKYPER
® 32).
Board 1 SKYPER
® 32 R
Please note:
This technical explanation is based on the Technical Explanations for SKYPER
® 32PRO. Please read the Technical Explanations
SKYPER
® 32PRO before using the Adaptor Board.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com