Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32R
Description  Two output channels
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32R Datasheet HTML 1Page - List of Unclassifed Manufacturers 32R Datasheet HTML 2Page - List of Unclassifed Manufacturers 32R Datasheet HTML 3Page - List of Unclassifed Manufacturers 32R Datasheet HTML 4Page - List of Unclassifed Manufacturers 32R Datasheet HTML 5Page - List of Unclassifed Manufacturers 32R Datasheet HTML 6Page - List of Unclassifed Manufacturers 32R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Board 1 SKYPER 32 R
© by SEMIKRON
Rev. 0 – 21.04.2010
1
SKYPER®
Adaptor board
Adaptor board
Board 1 SKYPER 32 R
Preliminary Data
Features
• Two output channels
• Failure management
Typical Applications*
• Adaptor board for SKYPER 32 IGBT
drivers in bridge circuits for industrial
applications
• DC bus up to 1200V
Footnotes
All characteristics listed in the data sheet
are guilty for the use with SKYPER 32
Please consider the derating of the ambient
temperature
Please refer to the datasheet of SKYPER
32 for further information
This is an electrostatic discharge sensitive device (ESDS), international standard IEC
60747-1, Chapter IX
* The specifications of our components may not be considered as an assurance of component
characteristics. Components have to be tested for the respective application. Adjustments
may be necessary. The use of SEMIKRON products in life support appliances and systems is
subject to prior specification and written approval by SEMIKRON. We therefore strongly
recommend prior consultation of our personal.
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
Vs
Supply voltage primary
16
V
IoutPEAK
Output peak current
15
A
IoutAVmax
Output average current
50
mA
fmax
max. switching frequency
50
kHz
VCE
Collector emitter voltage sense across
the IGBT
1700
V
Visol IO
Isolation test voltage input - output
(AC, rms, 2s)
4000
V
VisolPD
Partial discharge extinction voltage,
rms, QPD d 10pC
1500
V
Visol12
Isolation test voltage output 1 - output
2 (AC, rms, 2s)
1500
V
RGon min
1.5
:
RGoff min
Minimum rating for external RGoff
1.5
:
Top
Operating temperature
-25 ... 85
°C
Tstg
Storage temperature
-25 ... 85
°C
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Vs
Supply voltage primary side
14.4
15
15.6
V
Vj
input signal voltage on / off
15 / 0
V
VIT+
Input treshold voltage HIGH
12.3
V
VIT-
Input threshold voltage (LOW)
4.6
V
VG(on)
Turn on gate voltage output
15
V
VG(off)
Turn off gate voltage output
-7
V
td(on)IO
Input-output turn-on propagation time
1.1
µs
td(off)IO
Input-output turn-off propagation time
1.1
µs
Derating


Similar Part No. - 32R

ManufacturerPart #DatasheetDescription
logo
VINATech Co.,Ltd.
32RHV120MD11 VINATECH-32RHV120MD11 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
32RHV220ME11 VINATECH-32RHV220ME11 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
32RHV22MC6 VINATECH-32RHV22MC6 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
32RHV68MD7 VINATECH-32RHV68MD7 Datasheet
927Kb / 2P
High Voltage, High Capacitance Low ESR, High ripple current Load life of 5,000h at 105°C
logo
Rosenberger Hochfrequen...
32RK132-S00L5 ROSENBERGER-32RK132-S00L5 Datasheet
57Kb / 2P
ADAPTOR REVERSE SMA JACK ??SMA PLUG
More results

Similar Description - 32R

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65031 SONIX-SN65031 Datasheet
169Kb / 7P
Two Channels Direct Drive Speech Controller
SN65042 SONIX-SN65042 Datasheet
169Kb / 7P
Two Channels Direct Drive Speech Controller
SN65061 SONIX-SN65061 Datasheet
168Kb / 7P
Two Channels Direct Drive Speech Controller
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
Two Saturated Drive Channels
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
Two channels Constant-current H-bridge Driver
logo
Zilog, Inc.
Z8S18020VSG ZILOG-Z8S18020VSG Datasheet
2Mb / 71P
Two Chain-Linked DMA Channels
logo
ON Semiconductor
LV8080LP-TE-L-E ONSEMI-LV8080LP-TE-L-E Datasheet
93Kb / 8P
Two channels Constant-current H-bridge Driver
June, 2013
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
Two Full Duplex, Independent Channels
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
Two independent operating channels
logo
STMicroelectronics
SPC56XXMB STMICROELECTRONICS-SPC56XXMB Datasheet
58Kb / 4P
Two LIN channels with jumper enable
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com