Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTLPO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WTLPO
Description  WIDEST TEMPERATURE LOW POWER OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WTLPO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WTLPO_15 Datasheet HTML 1Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 2Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 3Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 4Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 5Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 6Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 7Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 8Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PAGE 2 OF 10
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
GENERAL DATA[1] (continued)
Note: 1. All electrical specifications in the above table are specified with 15 pF output load and for all VDD(s) unless otherwise stated.
PIN DESCRIPTION
PIN
SYMBOL
FUNCTIONALITY
1
Output Enable
H(3):specified frequency output
L: output is high impedance. Only output driver is disabled.
OE/ ST/NC
Standby
H[3]:specified frequency output
L: output is low (weak pull down).Device goes to sleepmode.
Supply current reduces to I_std.
No connect
Any voltage between 0 and VDD or Open[3]: Specified fre-
quency output. Pin 1 has no function.
2
GND
Power
Electrical ground[4]
3
OUT
Output
Oscillator output
4
VDD
Power
Power supply voltage[4]
Note: 3. In OE or ST mode, a pull-up resistor of 10kΩ or less is recommended if pin 1 is not externally driven. If pin 1 needs to be left floating, use the NC option.
4. A capacitor value of 0.1 µF between VDD and GND is required.
1
GND 2
3
4
OE/ST/NC
OUT
VDD
TOP VIEW
PARAMETER AND CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
LVCMOS OUTPUT CHARACTERISTICS
Duty Cycle
DC
45
–
55
%
All VDDs
Rise/Fall Time
Tr, Tf
–
1.0
2.0
ns
VDD = 2.5V, 2.8V, 3.0V or 3.3V, 20% - 80%
–
1.3
2.5
ns
VDD =1.8V, 20% - 80%
–
1.0
3.0
ns
VDD = 2.25V - 3.63V, 20% - 80%
Output High Voltage
VOH
90%
–
–
VDD
IOH = -4 mA (VDD = 3.0V or 3.3V)
IOH = -3 mA (VDD = 2.8V and VDD= 2.5V)
IOH = -2 mA (VDD= 1.8V)
Output Low Voltage
VOL
–
–
10%
VDD
IOL = 4 mA (VDD = 3.0V or 3.3V)
IOL = 3 mA (VDD= 2.8V and VDD = 2.5V)
IOL = 2 mA (VDD = 1.8V)
INPUTCHARACTERISTICS
Input High Voltage
VIH
70%
–
–
VDD
Pin 1, OE or ST
Input Low Voltage
VIL
–
–
30%
VDD
Pin 1, OE or ST
Input Pull-up Impedence
Z_in
50
87
150
kΩ
Pin 1, OE logic high or logic low, or ST logic high
2
–
–
MΩ
Pin 1, ST logic low
STARTUP AND RESUME TIMING
Startup Time
T_start
–
–
5
ms
Measured from the time VDD reaches 90% of final value
Enable/Disable Time
T_oe
–
–
130
ns
f = 110 MHz. For other frequencies, T_oe = 100 ns + 3* clock
periods
Resume Time
T_resume
–
–
5
ms
Measured from the time ST pin crosses 50% threshold
JITTER
RMS Period Jitter
T_jitt
–
1.6
2.5
ps
f = 75 MHz, VDD = 2.5V, 2.8V, 3.0V or 3.3V
–
1.9
3
ps
f = 75 MHz, VDD = 1.8V
Peak-to-peak Period Jitter
T_pk
–
12
20
ps
f = 75 MHz, VDD = 2.5V, 2.8V, 3.0V or 3.3V
–
14
30
ps
f = 75 MHz, VDD = 1.8V
RMS Phase Jitter (random)
T_phj
–
0.5
0.8
ps
f = 75 MHz, Integration bandwidth = 900 kHz to 7.5 MHz
–
1.3
2
ps
f = 75 MHz, Integration bandwidth = 12 kHz to 20 MHz
EXCELLENT RELIABILITY DATA
MTBF
500 million hours
Shock Resistance:
10.000 G
Vibration Resistance:
70 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com