Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTLPO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WTLPO
Description  WIDEST TEMPERATURE LOW POWER OSCILLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WTLPO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WTLPO_15 Datasheet HTML 1Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 2Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 3Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 4Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 5Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 6Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 7Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 8Page - List of Unclassifed Manufacturers WTLPO_15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAGE 1 OF 10
I SPEC 01 I REV.00 I NOVEMBER 2014
CRYSTALS ∙ OSCILLATORS ∙ CERAMIC RESONATORS ∙ CERAMIC FILTERS ∙ SAW COMPONENTS
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13 ∙ D-86899 ∙ Landsberg am Lech
Tel: +49/8191/305395 ∙ Fax: +49/8191/305397
info@petermann-technik.com ∙ www.petermann-technik.com
+ 100% pin-to-pin drop-in replacement to quartz and MEMS based XO
+ Highest Temperature Low Power Oscillator for Low Cost
+ Excellent long time reliability-outperforms quartz-based XO
+ Operating temperature from -55°C to 125°C
+ Supply voltage of 1.8V, 2.5V or 3.3V
+ Excellent total frequency stability as low as ±20 ppm
+ LVCMOS/LVTTL compatible output
+ Express samples within 1 day ex works PETERMANN-TECHNIK
+ Pb-free, RoHS and REACH compliant / MSL1@260°C
APPLICATIONS
GENERAL DATA[1,2]
Note: 1. All electrical specifications in the above table are specified with 15 pF output load at default drive strength and for all VDD(s) unless otherwise stated.
2.
The typical value of any parameter in the Electrical Characteristic table is specified for the nominal value of the highest voltage option for that parameter and at 25 °C
temperature.
FEATURES
+ Ruggedized equipment in harsh operating environment
+ Applications in extreme temperature conditions
PARAMETER AND CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
FREQUENCY RANGE
Output Frequency Range
f
1
–
110
MHz
FREQUENCY STABILITY AND AGING
Frequency Stability
F_stab
-20
–
+20
PPM
Inclusive of initial tolerance at 25°C, 1st year aging at 25°C,
-25
–
+25
PPM
and variations over operating temperature, rated power
-30
–
+30
PPM
supply voltage and load (15 pF ± 10%).
-50
–
+50
PPM
OPERATING TEMPERATURE RANGE
Operating Temperature Range
T_use
-55
–
+125
°C
Widest temperature
Storage Temperature Range
T_stor
-55
–
+125
°C
Storage
SUPPLY VOLTAGE AND CURRENT CONSUMPTION
Supply Voltage
VDD
1.62
1.8
1.98
V
2.25
2.5
2.75
V
2.52
2.8
3.08
V
2.7
3.0
3.3
V
2.97
3.3
3.63
V
2.25
–
3.63
V
CurrentConsumption
IDD
–
3.8
4.5
mA
Noloadcondition, f=20MHz,VDD=2.8V,3.0V, or 3.3V
–
3.6
4.2
mA
No load condition, f = 20 MHz, VDD = 2.5V
–
3.4
4
mA
No load condition, f = 20 MHz, VDD = 1.8V
OE Disable Current
I_OD
–
–
4.1
mA
VDD = 2.5V to 3.3V, OE = Low, output in high Z state
–
–
3.8
mA
VDD = 1.8V, OE = Low, output in high Z state
Standby Current
I_std
–
2.6
8.5
µA
VDD = 2.8V to 3.3V, ST = Low, output is pulled down
–
1.4
5.5
µA
VDD = 2.5V, ST = Low, output is pulled down
–
0.6
3.5
µA
VDD = 1.8V, ST = Low, output is pulled down
WIDEST TEMPERATURE LOW POWER OSCILLATOR
SERIES „WTLPO“
-55/+125°C
1.0—110.0 MHz


Similar Part No. - WTLPO_15

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTL16P-24161120A00 SICK-WTL16P-24161120A00 Datasheet
749Kb / 11P
W16 SMALL PHOTOELECTRIC SENSORS
2024-03-11 19:27:33
logo
Weitron Technology
WTL2602 WEITRON-WTL2602 Datasheet
483Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
WTL2602 VBSEMI-WTL2602 Datasheet
481Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
Weitron Technology
WTL2622 WEITRON-WTL2622 Datasheet
453Kb / 6P
Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
WTL2622 VBSEMI-WTL2622 Datasheet
520Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - WTLPO_15

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
Low Power/Low Frequency Oscillator
logo
List of Unclassifed Man...
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
Widest Temperature Range
logo
PETERMANN-TECHNIK
HTLPO PETERMANN-HTLPO_15 Datasheet
782Kb / 10P
High Temperature Low Power Oscillator for Low Cost
logo
Raltron Electronics Cor...
CMC251 RALTRON-CMC251 Datasheet
718Kb / 6P
Low Power Oscillator
CMC301 RALTRON-CMC301 Datasheet
718Kb / 6P
Low Power Oscillator
CMC501 RALTRON-CMC501 Datasheet
718Kb / 6P
Low Power Oscillator
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
Low Power Oscillator
logo
NIHON DEMPA KOGYO
NT2016SB_18_03 NDK-NT2016SB_18_03_29 Datasheet
612Kb / 1P
Low power supply voltage Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com