Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW50R280CE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPW50R280CE
Description  500V CoolMOS™ CE Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R280CE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPW50R280CE Datasheet HTML 5Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 11Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 12Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
500VCoolMOS™CEPowerTransistor
IPW50R280CE,IPP50R280CE
Rev.2.1,2014-06-06
Final Data Sheet
Typ.transfercharacteristics
VGS[V]
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
50
150 °C
25 °C
ID=f(VGS);VDS=20V;parameter:Tj
Typ.gatecharge
Qgate[nC]
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
120 V
400 V
VGS=f(Qgate);ID=5.2Apulsed;parameter:VDD
Avalancheenergy
Tj[°C]
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
140
160
180
200
220
240
260
EAS=f(Tj);ID=5.2A;VDD=50V
Drain-sourcebreakdownvoltage
Tj[°C]
-60
-20
20
60
100
140
180
440
460
480
500
520
540
560
580
VBR(DSS)=f(Tj);ID=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com