Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPW50R280CE Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPW50R280CE
Description  500V CoolMOS™ CE Power Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R280CE Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPW50R280CE Datasheet HTML 6Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 7Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 8Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 9Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 10Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 11Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 12Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 13Page - Infineon Technologies AG IPW50R280CE Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
500VCoolMOS™CEPowerTransistor
IPW50R280CE,IPP50R280CE
Rev.2.1,2014-06-06
Final Data Sheet
Typ.capacitances
VDS[V]
0
100
200
300
400
500
100
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Eoss=f(VDS)
Forwardcharacteristicsofreversediode
VSD[V]
0.4
0.6
0.8
1.0
1.2
1.4
10-1
100
101
102
125 °C
25 °C
IF=f(VSD);parameter:Tj



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com