Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5012 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE5012
Description  Crimp Tool For Compression Connectors For RG6, RG11, RG59
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5012 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE5012 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5012 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Crimp Tool For Compression Connectors For RG6, RG11, RG59
Configuration
Tool Type
Crimp Tool For Compression Connectors
Cable Type
RG6, RG11, RG59
Mechanical Specifications
Size
Length, in [mm]
8.75 [222.25]
.
Handle Color
Blue
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Crimp Tool For Compression Connectors For RG6, RG11, RG59 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Crimp Tool For Compression Connectors For RG6, RG11, RG59 PE5012
URL: http://www.pasternack.com/crimp-tool-for-compression-connectors-hex-bit-rg6-rg11-rg59-pe5012-p.aspx
PE5012
PE5012 REV
Crimp Tool For Compression Connectors For RG6, RG11, RG59


Similar Part No. - PE5012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE501 MACOM-PE501 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE5010-1 PASTERNACK-PE5010-1 Datasheet
202Kb / 1P
INTERCHANGEABLE DIE FOR PE5008&PE5009
PE5010-2 PASTERNACK-PE5010-2 Datasheet
202Kb / 1P
INTERCHANGEABLE DIE FOR PE5008&PE5009
PE5010-3 PASTERNACK-PE5010-3 Datasheet
202Kb / 1P
INTERCHANGEABLE DIE FOR PE5008 & PE5009
PE5010-5 PASTERNACK-PE5010-5 Datasheet
202Kb / 1P
INTERCHANGEABLE DIE FOR PE5008 & PE5009
More results

Similar Description - PE5012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080770 MOLEX-ATS-640080770 Datasheet
111Kb / 2P
Crimp Tool Kit for 70mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081070 MOLEX-ATS-640081070 Datasheet
112Kb / 2P
Crimp Tool Kit for 150mm2 Compression Lugs
11-03-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com