Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2035 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML2035
Description  Serial Input Programmable Sine Wave Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2035 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML2035 Datasheet HTML 1Page - Micro Linear Corporation ML2035 Datasheet HTML 2Page - Micro Linear Corporation ML2035 Datasheet HTML 3Page - Micro Linear Corporation ML2035 Datasheet HTML 4Page - Micro Linear Corporation ML2035 Datasheet HTML 5Page - Micro Linear Corporation ML2035 Datasheet HTML 6Page - Micro Linear Corporation ML2035 Datasheet HTML 7Page - Micro Linear Corporation ML2035 Datasheet HTML 8Page - Micro Linear Corporation ML2035 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ML2035
2
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1VSS
Negative supply (-5V).
2
SCK
Serial clock. Digital input which
clocks in serial data on its rising
edges.
3
SID
Serial input data which programs the
frequency of VOUT.
4
LATI
Digital input which latches serial data
into the internal data latch on falling
edges.
PIN
NAME
FUNCTION
5VCC
Positive supply (5V).
6VOUT
Analog output. VOUT swing is ±VCC/2.
7
GND
Ground. All inputs and outputs are
referenced to this point.
8
CLK IN
Clock input. The internal clock can be
generated by tying a 3 to 12MHz
crystal from this pin to GND, or
applying a digital clock signal directly
to the pin.
1
2
3
4
8
7
6
5
VSS
SCK
SID
LATI
CLK IN
GND
VOUT
VCC
TOP VIEW
ML2035
8-Pin PDIP (P08)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com