Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2035 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML2035
Description  Serial Input Programmable Sine Wave Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2035 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML2035 Datasheet HTML 1Page - Micro Linear Corporation ML2035 Datasheet HTML 2Page - Micro Linear Corporation ML2035 Datasheet HTML 3Page - Micro Linear Corporation ML2035 Datasheet HTML 4Page - Micro Linear Corporation ML2035 Datasheet HTML 5Page - Micro Linear Corporation ML2035 Datasheet HTML 6Page - Micro Linear Corporation ML2035 Datasheet HTML 7Page - Micro Linear Corporation ML2035 Datasheet HTML 8Page - Micro Linear Corporation ML2035 Datasheet HTML 9Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ML2035
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC (Continued)
VOL
Output Low Voltage
IOL = -2mA
0.4
V
VOH
Output High Voltage
IOH = 2mA
4.0
V
tSCK
Serial Clock On/Off Period
100
ns
tDS
SID Data Setup Time
50
ns
tDH
SID Data Hold Time
50
ns
tLPW
LATI Pulse Width
50
ns
tLH
LATI Hold Time
50
ns
tLS
LATI Setup Time
50
ns
SUPPLY
ICC
VCC Current
No Load, VCC = 5.5V
5.5
mA
No Load, Power Down Mode
2
mA
ISS
VSS Current
No Load, VCC = 5.5V, VSS = -5.5V
-3.5
mA
No Load, Power Down Mode
-100
µA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Figure 1. Serial Interface Timing.
Figure 2. CLK IN Input Current vs. Input Voltage.
100
75
50
25
0
-25
-50
-75
-100
INPUT VOLTAGE (V)
01
3
5
4
2
CLK IN
SCK
SID
LATI
tLPW
tLS
tLH
tDS
tDH
tSCK
tSCK
tCKI
tCKI



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com