Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4411 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4411
Description  Sensorless Spindle Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4411 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4411 Datasheet HTML 1Page - Micro Linear Corporation ML4411 Datasheet HTML 2Page - Micro Linear Corporation ML4411 Datasheet HTML 3Page - Micro Linear Corporation ML4411 Datasheet HTML 4Page - Micro Linear Corporation ML4411 Datasheet HTML 5Page - Micro Linear Corporation ML4411 Datasheet HTML 6Page - Micro Linear Corporation ML4411 Datasheet HTML 7Page - Micro Linear Corporation ML4411 Datasheet HTML 8Page - Micro Linear Corporation ML4411 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ML4411/ML4411A
PIN CONFIGURATION
1
GND
Signal and Power Ground
2
P1
Drives the external P-channel
transistor driving motor PH1
3
P2
Drives the external P-channel
transistor driving motor PH2
4VCC2
12V power and power for the
braking function
5
P3
Drives the external P-channel
transistor driving motor PH3
6COTA
Compensation capacitor for linear
motor current amplifier loop
7CBRK
Capacitor which stores energy to
charge N-channel MOSFETs for
braking with power off.
8
DIS PWR
A logic 0 on this pin turns off the N
and P outputs and causes the TACH
comparator output to appear on TACH
OUT
9-11 N1, N2 N3 Drives the external N-channel
MOSFETs for PH1, PH2, PH3
12 ISENSE
Motor current sense input
13 COS
Timing capacitor for fixed off-time
PWM current control
14 CVCO
Timing capacitor for VCO
15 VCO/TACH Logic Output from VCO or TACH
OUT
comparator
16 RESET
Input which holds VCO off and sets the
IC to the RESET condition
17 PWR FAIL
A “0” output indicates 5V or 12V is
under-voltage. This is an open
collector output with a 4.5ký pull-up
to +5V
18 ENABLE E/A A ”1” logic input enables the error
amplifier and closes the back-EMF
feedback loop
19 +5V
5V power supply input
20 RC
VCO loop filter components
21 IRAMP
Current into this pin sets the initial
acceleration rate of the VCO during
start-up
22 PH1
Motor Terminal 1
23 PH2
Motor Terminal 2
24 PH3
Motor Terminal 3
25 VCC
12V power supply. Terminal which is
sensed for power fail
26 BRAKE
A ”0” activates the braking circuit
27 ILIMIT
Sets the threshold for the PWM
comparator
28 ICMD
Current Command for Linear Current
amplifier
PIN NAME
FUNCTION
PIN NAME
FUNCTION
PIN DESCRIPTION
ML4411
28-Pin SOIC (S28W)
GND
P1
P2
VCC2
P3
COTA
CBRK
DIS PWR
N1
N2
N3
ISENSE
COS
CVCO
ICMD
ILIMIT
BRAKE
VCC
PH3
PH2
PH1
IRAMP
RC
+5V
ENABLE E/A
PWR FAIL
RESET
VCO/TACH OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com