Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4411 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4411
Description  Sensorless Spindle Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4411 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4411 Datasheet HTML 1Page - Micro Linear Corporation ML4411 Datasheet HTML 2Page - Micro Linear Corporation ML4411 Datasheet HTML 3Page - Micro Linear Corporation ML4411 Datasheet HTML 4Page - Micro Linear Corporation ML4411 Datasheet HTML 5Page - Micro Linear Corporation ML4411 Datasheet HTML 6Page - Micro Linear Corporation ML4411 Datasheet HTML 7Page - Micro Linear Corporation ML4411 Datasheet HTML 8Page - Micro Linear Corporation ML4411 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ML4411/ML4411A
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TA = Operating Temperature Range, VCC = VCC2 = 12V, RSENSE = 1ý, COTA = CVCO = 0.01µF,
COS = 0.02µF
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator (VCO) Section (VPIN16 = 5V)
Frequency vs. VPIN 20
1V - VPIN20 - 10V
300
Hz/V
Frequency
VVCO = 6V
1450
1800
2150
Hz
VVCO = 0.5V
70
140
210
Hz
Reset Voltage at CVCO
Mode = 0
125
250
mV
Sampling Amplifier (Note 1)
VRC
State R
125
250
mV
IRC
VPIN18 = 0V, RRAMP = 39ký
70
100
130
µA
VPIN18 = 5V, State A, VPH2 = 4V
30
50
90
µA
VPIN18 = 5V, State A, VPH2 = 6V
–13
2
13
µA
VPIN18 = 5V, State A, VPH2 = 8V
–30
–50
–90
µA
VPIN21
RPIN21 = 39ký to +5V
1.0
1.1
1.20
V
Motor Current Control Section
ISENSE Gain
VPIN27 = 5V, 0V - VPIN28 - 2.5V
4.5
5
5.5
V/V
One Shot Off Time
12
25
33
µs
ICMD Transconductance Gain
0.19
mmho
ICMD, ILIM Bias Current
VIN = 0
0
–100
–400
nA
Power Fail Detection Circuit
12V Threshold
9.1
9.8
10.5
V
Hysteresis
150
mV
5V Threshold
3.8
4.25
4.5
V
Hysteresis
70
mV
Logic Inputs
Voltage High (VIH)2
V
Voltage Low (VIL)
0.8
V
Current High (IIH)VIN = 2.7V
–10
1
10
µA
Current Low (IIL)VIN = 0.4V
–500
–350
–200
µA
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Voltage (pins 4, 25) ........................................ 14V
Output Current (pins 2, 3, 5, 9,10,11) ................. ±150mA
Logic Inputs (pins 16, 17, 18, 25) .................... –0.3 to 7V
Junction Temperature ............................................ 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) .................... 150°C
Thermal Resistance (
qJA) ...................................... 60°C/W
OPERATING CONDITIONS
Temperature Range ........................................ 0°C to 70°C
VCC Voltage +12V (pin 25) ........................... 12V ± 10%
+5V (pin 19) ................................................ 5V ± 10%
I(RAMP) current (Pin 21) ................................. 0 to 100µA
I Control Voltage Range (pins 27, 28) ................ 0V to 7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com