Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4435 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4435
Description  Sensorless BLDC Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4435 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4435 Datasheet HTML 1Page - Micro Linear Corporation ML4435 Datasheet HTML 2Page - Micro Linear Corporation ML4435 Datasheet HTML 3Page - Micro Linear Corporation ML4435 Datasheet HTML 4Page - Micro Linear Corporation ML4435 Datasheet HTML 5Page - Micro Linear Corporation ML4435 Datasheet HTML 6Page - Micro Linear Corporation ML4435 Datasheet HTML 7Page - Micro Linear Corporation ML4435 Datasheet HTML 8Page - Micro Linear Corporation ML4435 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRELIMINARY DATASHEET
May, 2000
4
PRELIMINARY
2
3
4
5
6
9
0
20
9
6
5
4
3
2
ISENSE
TACH
SPEED COMP
RVCO
SPEED SET
RT
HA
HB
HC
VCC
CVCO
SOFT START
SPEED FB
ND
FB C
FB B
FB A
LC
LB
LA
TOP VIEW
ML4435
20-P n PDIP P20
20-P n SOIC S20
ML4435
PIN
NAME
FUNCTION
1
ISENSE
Motor current sense input which triggers pulse by pulse current limit when
ISENSE exceeds 0.55V
2
TACH
A clock output of 6 pulses per commutation cycle when SPEED FB is greater
than 0.97V otherwise the TACH output is at 5V
3
SPEED COMP
Connection node for speed loop compensation components
4
RVCO
Connection node for external resistor to set VCO frequency
5
SPEED SET
DC input for setting motor speed
6
RT
External resistor from this pin to ground controls the IC's PWM timing (frequency)
7
HA
High-side output driver for motor phase A
8
HB
High-side output driver for motor phase B
9
HC
High-side output driver for motor phase C
10
VCC
Power Supply input
11
LA
Low-side output driver signal for motor phase A
12
LB
Low-side output driver signal for motor phase B
13
LB
Low-side output driver signal for motor phase C
14
FB A
Back EMF signal input for motor phase A
15
FB B
Back EMF signal input for motor phase B
16
FB C
Back EMF signal input for motor phase C
17
GND
Signal and power ground
18
SPEED FB
Connection node for back-EMF sensing compensation components
19
SOFT START
Connection node for external soft start capacitor which reduces start up current
20
CVCO
Connection node for external capacitor to set VCO frequency. Forcing this input
below 1.5V causes the commutation to stop and the motor to coast
PIN DESCRIPTIONS
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com