Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4435 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4435
Description  Sensorless BLDC Motor Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4435 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4435 Datasheet HTML 2Page - Micro Linear Corporation ML4435 Datasheet HTML 3Page - Micro Linear Corporation ML4435 Datasheet HTML 4Page - Micro Linear Corporation ML4435 Datasheet HTML 5Page - Micro Linear Corporation ML4435 Datasheet HTML 6Page - Micro Linear Corporation ML4435 Datasheet HTML 7Page - Micro Linear Corporation ML4435 Datasheet HTML 8Page - Micro Linear Corporation ML4435 Datasheet HTML 9Page - Micro Linear Corporation ML4435 Datasheet HTML 10Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PRELIMINARY DATASHEET
May, 2000
6
PRELIMINARY
ML4435
SOFT START
The voltage at SOFT START (pin 19) sets the current limit
threshold. The ML4435 has an internal voltage divider
with a 1.1V supply voltage. This circuit is shown in Figure
3. The divider consists of two 225k
Ω resistors setting
the current limit threshold to approximately 0.55V. An
external voltage divider off of VCC or an external reference
can be used to override the default setting of SOFT START
by using a divider with 10 times the current draw of the
internal divider.
RSENSE
The function of RSENSE is to provide a voltage propor-
tional to the motor current, for current limiting. The default
trip voltage across RSENSE is 0.6V as set by the SOFT
START (pin 19). The current sense resistor should be a
low inductance resistor such as a carbon composition. For
resistors in the milli ohms range wire wound resistors tend
to have low values of inductance. RSENSE can be selected
using Figure 4. The power rating of RSENSE should be
sized to handle the power dissipation (I MAX squared
times RSENSE) seen at maximum current.
ISENSE FILTER
An RC lowpass filter is required at the ISENSE input pin
to remove the voltage spike on the leading edge of the
current sense signal caused by the diode reverse recovery
shoot through current. Absent the filter, false triggering of
the current limit could occur.
The recommended starting values for this circuit are
R = 1K
Ω and C = 1000pF a configuration that will filter
out spikes less than 1
µs long. It is recommended that the
capacitor value not be increased beyond 330pF.
Pulse-By-Pulse Current Limiting
When current limit is activated by the voltage on ISENSE
exceeding the voltage on SOFT START the current limit is
tripped, turning off LA, LB, and LC for the remainder of
the PWM period.
COMMUTATION CONTROL
A 3 phase Brushless DC motor requires electronic com-
Figure 3. SOFT START Function
0.5V
.V
CSOFT START
SOFT START
225k
Ω
225k
Ω
9
A capacitor to ground on the SOFT START pin can be used
to provide a soft ramping of the current limit on power up.
The ramp time can be selected using Figure 4.
Figure 4. SOFT START Ramp Time vs. CSOFTSTART
C SOFT START
F
050
00
30
5
0
Figure 5. ISENSE Filter Wave Forms
BEFORE FILTERIN
AFTER FILTERIN
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com