Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4644 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4644
Description  4 Port AUI Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4644 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4644 Datasheet HTML 1Page - Micro Linear Corporation ML4644 Datasheet HTML 2Page - Micro Linear Corporation ML4644 Datasheet HTML 3Page - Micro Linear Corporation ML4644 Datasheet HTML 4Page - Micro Linear Corporation ML4644 Datasheet HTML 5Page - Micro Linear Corporation ML4644 Datasheet HTML 6Page - Micro Linear Corporation ML4644 Datasheet HTML 7Page - Micro Linear Corporation ML4644 Datasheet HTML 8Page - Micro Linear Corporation ML4644 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ML4644
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are limits beyond which the
life of the integrated circuit may be impaired. All voltages
unless otherwise specified are measured with respect to
ground.
Power Supply Voltage Range VCC . . . GND –0.3 to +6.0V
Input Current RRSET, All LED Driver Pins . . . . . . . 60mA
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Storage Temperature . . . . . . . . . . . . . . . . –65°C to 150°C
Lead Temperature (Soldering 10 seconds) . . . . . . . 260°C
Thermal Resistance (
qJA) . . . . . . . . . . . . . . . . . . . 44°C/W
OPERATING CONDITIONS
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . 5V ± 10%
RRSET . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61.9ký ± 1%
ELECTRICAL CHARACTERISTICS
Unless otherwise specified TA = 0°C to 70°C, VCC = 5V ± 10%. (Notes 1, 2)
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
Power Supply Current ICC (Note 3)
VCC = 5V
50
150
190
mA
LED Drivers: VOL
RL=510ý (Note 4)
0.8
V
Transmit Squelch Voltage Level (Tx+, Tx–)
–300
–250
–200
mV
Differential Output Voltage
±550
±1200
mV
Common Mode Output Voltage
4.0
V
Differential Output Voltage Imbalance
2
±40
mV
Loopback Enable
REC tied low
0.3
V
Note 1: Limits are guaranteed by 100% testing , sampling, or correlation with worst-case test conditions.
Note 2: Low Duty cycle pulse testing is performed at TA.
Note 3: This does not include the current from the AUI pull down resistors or the LED output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com