Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4644 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4644
Description  4 Port AUI Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4644 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4644 Datasheet HTML 1Page - Micro Linear Corporation ML4644 Datasheet HTML 2Page - Micro Linear Corporation ML4644 Datasheet HTML 3Page - Micro Linear Corporation ML4644 Datasheet HTML 4Page - Micro Linear Corporation ML4644 Datasheet HTML 5Page - Micro Linear Corporation ML4644 Datasheet HTML 6Page - Micro Linear Corporation ML4644 Datasheet HTML 7Page - Micro Linear Corporation ML4644 Datasheet HTML 8Page - Micro Linear Corporation ML4644 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ML4644
AC ELECTRICAL CHARACTERISTICS
SYMBOLS
PARAMETER
MIN
TYP.
MAX
UNITS
TRANSMIT
tXODY
Transmitter Turn-On Delay
100
200
ns
tTXSDY
Transmit Steady State Prop. Delay
15
ns
tTXFPW
Transmit Turn-Off Pulse Width
180
ns
tTXSOI
Transmit Turn-Off Start of Idle
200
250
ns
RECEIVE
tRXODY
Receive Turn-On Delay
100
200
ns
tRXSDY
Receive Steady State Prop. Delay
15
ns
tRXFPW
Receive Turn-Off Pulse Width
180
ns
tRXSOI
Receive Turn-Off Start of Idle
200
250
ns
tAR
Differential Output Rise Time
3
ns
20% to 80% (Rx±, COL±, TxOUT±)
tAF
Differential Output Fall Time
3
ns
20% to 80% (Rx±, COL±, TxOUT±)
COLLISION
tCPSQE
Collision Present to SQE Assert
0
200
ns
tSQEXR
Time for SQE to Deactivate After a Collision
0
500
ns
FCLF
Collision Frequency
XTAL Controlled
8.5
10
11.5
MHz
Collision Pulse Duty Cycle
XTAL Controlled
40
50
60
%
FJAM
JAM Frequency at TxOUT±
XTAL Controlled
5
MHz
tSQEDY
SQE Test Delay (Tx Inactive to SQE)
0.6
1.1
1.6
µs
tSQETD
SQE Test Duration
0.5
1.0
1.5
µs
JABBER, LINK TEST AND LED TIMING
tJAD
Jabber Activation Delay
7
13.5
20
ms
tJSQE
Delay from Outputs Disabled to Collision Oscillator On
100
ns
tLEDT
REC, COLL, Tx1, Tx2, Tx3, Tx4 On Time
0.3
1.0
3.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com