Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP192 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 15Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 16Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 19/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
9.2 电源通路管理(IPS)
AXP192 的电源输入可以来自锂电池 BAT、USB VBUS 输入、外部电源 ACIN(比如交流适配器 AC
Adapter),IPS 根据外部电源和锂电池的状态来选择适合的电能分配方式。
o
当仅接入锂电池,无外部电源输入时,使用锂电池供电;
o
当接入外部电源时
(VBUS 或 ACIN),优先使用外部电源供电;
o
电池连接的情况下,外部电源移除时,立刻“无缝”转用锂电池供电;
o
当
VBUS 和 ACIN 两者同时接入时,优先使用 ACIN 供电,并且对锂电池充电;
o
若此时
ACIN 驱动能力不足够时,将适时打开 VBUS 通路,实现 ACIN/VBUS 共同供电;
o
如果驱动能力仍然不足,则将减小充电电流直至
0,继而用电池补充供电;
参见如下图示
:
如上图所示,当
ACIN 负载能力不足时,IPSOUT 电压下降,BAT 由原来的被充电转为放电与 ACIN
一起配合提供负载电流。
Host 可以通过 TWSI 访问 AXP192 的内部寄存器来设置 IPS 的参数和读取其反馈的信息。
限压/限流模式和直通模式
为了不影响
USB 通讯,VBUS 通路默认工作在“VBUS 限压模式”。在此模式下,AXP192 会将 VBUS
电压维持在一个可设置的参考电压
VHOLD 之上,以满足 USB 规范。VHOLD 默认为 4.4V,可在寄存器
Reg30H[5:3]调整。
如果系统对从
USB VBUS 吸取的电流大小有限制需求,则提供一个限流模式可供选择(参见寄存器
REG30H[1]),限流值可选 500mA/100mA(寄存器 Reg30H[0])。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com