Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP192 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AXP192
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP192 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AXP192 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP192 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 39/53
Enhanced single Cell Li-Battery and Power System Management IC
AXP192
3
按键时长大于关机时长时自动关机功能设置
0:关闭; 1:打开
RW
1
2
电源启动完成后
PWROK 信号延时
0:32mS; 1:64mS
RW
1
1
关机时长设置
Bit1
RW
0
0
关机时长设置
Bit0
00: 4S; 01: 6S;
10: 8S; 11: 10S.
RW
1
REG 37H:DC-DC 工作频率设置
默认值
:08H
Bit
描述
R/W
默认值
7-4
保留,不可更改
3
DC-DC 开关频率设置 Bit 3
RW
1
2
DC-DC 开关频率设置 Bit 2
RW
0
1
DC-DC 开关频率设置 Bit 1
RW
0
0
DC-DC 开关频率设置 Bit 0
每一级改变
5%,默认值 1.5MHz
RW
0
REG 38H:VLTF-charge 电池充电低温门限设置
默认值
:A5H
Bit
描述
R/W
默认值
7-0
充电时电池低温门限设置,
M
M*10H,当 M=A5H 时对应 2.112V;可
对应电压
0V~3.264V
RW
A5H
VLTF-charge = M *10H * 0.0008V
REG 39H:VHTF-charge 电池充电高温门限设置
默认值
:1FH
Bit
描述
R/W
默认值
7-0
充电时电池高温门限设置,
N
N*10H,当 N=1FH,对应 0.397V;可
对应电压
0V~3.264V
RW
1FH
VHTF-charge = N *10H * 0.0008V
REG 3AH:APS 低电级别 1
默认值
:68H
Bit
描述
R/W
默认值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com