Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP209 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 17Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 18Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 19Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 20Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 21Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 22Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 23Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 24Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
In non-precharge mode, if the charge cycle is not ending after 480 minutes (adjustable, refer to
register “REG34H”), the charger will automatically enter the battery activate mode.
Battery activation mode
At the entering the battery activation mode from either pre-charge mode or constant current mode (the
timer expires), AXP209 will issue IRQ10 in both cases to indicate that the battery may be
damaged/faulty. In battery activate mode, the charger always inputs relatively low current to batteries.
AXP209 will exit activate mode and release IRQ11 only if the battery voltage has reached VRCH.
AXP209 will indicate whether the charger is in battery activate mode or not in register REG01H.
CHGLED
CHGLED pin is used to indicate charge state and warning. There are four states, namely, charging,
not charging, battery abnormal warning, and external power over-voltage warning. CHGLED is NMOS
Open Drain output, so a LED can be directly driven by a current-limit resistor to show the four states.
The following table has displayed its two operation modes.
REG34H
[4]
Status
CHGLED
State
Comments
0
Charging
Low
Not
charging
Hi Z
Battery
abnormal
1Hz
Flashing
The charger enters the battery activate mode, or
the battery temperature is too high/low.
Overvoltage
4Hz
Flashing
External power input voltage is too high
1
Charging
1Hz
Flashing
Can not be
charged
Hi
No external power supply
Not
charging
Low
Overvoltage
4Hz
Flashing
External power input voltage is too high, or the
battery temperature is too high, too low
Battery temperature detection
The AXP209 can connect a temperature-sensitive resistor via the TS pin to monitor the battery
temperature when the battery is charging or discharging. The diagram is shown below.
Confidential
Page 21/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com