Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP209 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXP209 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AXP209 Datasheet HTML 35Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 36Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 37Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 38Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 39Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 40Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 41Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 42Page - List of Unclassifed Manufacturers AXP209 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
AXP209
Enhanced single Cell Li-Battery and Power System Management IC
Bit
Description
R / W
Default
value
7-2
Reserved, can not be changed
1
GPIO1 ADC Input Range
0: 0-2.0475V
RW
0
0
GPIO0 ADC Input Range
1: 0.7-2.7475V
RW
0
10.30 REG 86H: GPIO1 ADC IRQ Rising edge threshold setting
The default value: FFH
Bit
Description
R / W
Default
value
7-0
One LSB is 8mV
RW
FF
10.31 REG 87H: GPIO1 ADC IRQ Falling edge of the threshold setting
The default value: 00H
Bit
Description
R / W
Default
value
7-0
A LSB For 8mV
RW
00
10.32 REG 8AH:Timer Control
The default value: 00H
Bit
Description
R / W
Default
value
7
Timer expired
RW
0
Write 1 Clear this state
6-0
Set the time, in minutes
RW
0000000
Write all 0's to disable this timer
10.33 REG 8BH: VBUS Pin Monitoring and SRP Function Control
The default value: 00H
Bit
Description
R / W
Default
value
7-6
Reserved, can not be changed
5-4
VBUS valid voltage setting
RW
00
00: 4.0V; 01: 4.15V; 10: 4.45V; 11: 4.55V
3
VBUS Valid Detection feature: 0:Disable,1:Enable
RW
0
2
VBUS Session Detection feature: 0:Disable, 1:Enable
RW
0
1
RW
0
Discharge VBUS discharge function setting
0: to disable the VBUS discharge resistance;1: to enable the VBUS
discharge resistance
Confidential
Page 39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com