Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4812 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4812
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4812 Datasheet HTML 1Page - Micro Linear Corporation ML4812 Datasheet HTML 2Page - Micro Linear Corporation ML4812 Datasheet HTML 3Page - Micro Linear Corporation ML4812 Datasheet HTML 4Page - Micro Linear Corporation ML4812 Datasheet HTML 5Page - Micro Linear Corporation ML4812 Datasheet HTML 6Page - Micro Linear Corporation ML4812 Datasheet HTML 7Page - Micro Linear Corporation ML4812 Datasheet HTML 8Page - Micro Linear Corporation ML4812 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ML4812
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
1
ISENSE
Input from the current sense
transformer to the non-inverting input
of the PWM comparator.
2
GM OUT
Output of gain modulator.
A resistor to ground on this pin
converts the current to a voltage.
This pin is clamped to 5V and tied
to the inverting input of the PWM
comparator.
3
EA OUT
Output of error amplifier.
4
EA–
Inverting input to error amplifier.
5
OVP
Input to over voltage comparator.
6
ISINE
Current gain modulator input.
7
RAMP
COMP
Buffered output from the oscillator
ramp (CT). A resistor to ground sets the
current which is internally subtracted
from the product of ISINE and IEA in
the gain modulator.
PIN
NAME
FUNCTION
8RT
Oscillator timing resistor pin. A 5V
source sets a current in the external
resistor which is mirrored to charge
CT.
9
CLOCK
Digital clock output.
10
SHDN
A TTL compatible low level on this
pin turns off the output.
11
PWR GND Return for the high current totem pole
output.
12
OUT
High current totem pole output.
13
VCC
Positive Supply for the IC.
14
VREF
Buffered output for the 5V voltage
reference.
15
GND
Analog signal ground.
16
CT
Timing capacitor for the oscillator.
PIN DESCRIPTION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
ISENSE
GM OUT
EA OUT
EA–
OVP
ISINE
RAMP COMP
RT
CT
GND
VREF
VCC
OUT
PWR GND
SHDN
CLOCK
TOP VIEW
ML4812
16-Pin PDIP (P16)
TOP VIEW
ML4812
20-Pin PLCC (Q20)
EA OUT
EA–
NC
OVP
ISINE
VREF
VCC
NC
OUT
PWR GND
4
5
6
7
8
18
17
16
15
14
32
1 20 19
910 11 12 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com