Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4812 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4812
Description  Power Factor Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4812 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4812 Datasheet HTML 1Page - Micro Linear Corporation ML4812 Datasheet HTML 2Page - Micro Linear Corporation ML4812 Datasheet HTML 3Page - Micro Linear Corporation ML4812 Datasheet HTML 4Page - Micro Linear Corporation ML4812 Datasheet HTML 5Page - Micro Linear Corporation ML4812 Datasheet HTML 6Page - Micro Linear Corporation ML4812 Datasheet HTML 7Page - Micro Linear Corporation ML4812 Datasheet HTML 8Page - Micro Linear Corporation ML4812 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ML4812
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond
which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and
functional device operation is not implied.
Supply Current (ICC) ............................................... 30mA
Output Current Source or Sink (OUT) DC ................ 1.0A
Output Energy (capacitive load per cycle) .................. 5µJ
Gain Modulator ISINE Input (ISINE) ......................... 1.2mA
Error Amp Sink Current (EA OUT) .......................... 10mA
Oscillator Charge Current ........................................ 2mA
Analog Inputs (ISENSE, EA–, OVP) .............. –0.3V to 5.5V
Junction Temperature ............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (soldering 10 sec.) ..................... 260°C
Thermal Resistance (
θJA)
20-Pin PLCC .................................................... 60°C/W
16-Pin PDIP ..................................................... 65°C/W
OPERATING CONDITIONS
Temperature Range
ML4812CX ............................................... 0°C to 70°C
ML4812IX ............................................. –40°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 15V , RT = 14kΩ, CT = 1000pF, TA = Operating Temperature Range (Notes 1, 2).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Initial Accuracy
TJ = 25°C
91
98
105
kHz
Voltage Stability
12V < VCC < 18V
0.3
%
Temperature Stability
2%
Total Variation
Line, temperature
90
108
kHz
Ramp Valley to Peak
3.3
V
RT Voltage
4.8
5.0
5.2
V
Discharge Current (RT open)
TJ = 25°C, VCT= 2V
7.8
8.4
9.0
mA
VCT = 2V
7.3
8.4
9.3
mA
Clock Out Voltage Low
RL = 16kΩ
0.2
0.5
V
Clock Out Voltage High
RL = 16kΩ
3.0
3.5
V
REFERENCE
Output Voltage
TJ = 25°C, IO = 1mA
4.95
5.00
5.05
V
Line Regulation
12V < VCC < 25V
2
20
mV
Load Regulation
1mA < IO < 20mA
2
20
mV
Temperature Stability
0.4
%
Total Variation
Line, load, temp.
4.9
5.1
V
Output Noise Voltage
10Hz to 10kHz
50
µV
Long Term Stability
TJ = 125°C, 1000 hours
5
25
mV
Short Circuit Current
VREF = 0V
–30
–85
–180
mA
ERROR AMPLIFIER
Input Offset Voltage
±15
mV
Input Bias Current
–0.1
–1.0
µA
Open Loop Gain
1 < VEA OUT < 5V
60
75
dB
PSRR
12V < VCC < 25V
60
75
dB
Output Sink Current
VEA OUT = 1.1V, VEA– = 6.2V
2
12
mA
Output Source Current
VEA OUT = 5.0V, VEA– = 4.8V
–0.5
–1.0
mA
Output High Voltage
IEA OUT = –0.5mA, VEA– = 4.8V
5.3
5.5
V
Output Low Voltage
IEA OUT = 1mA, VEA– = 6.2V
0.5
1.0
V
Unity Gain Bandwidth
1.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com