Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4819 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4819
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4819 Datasheet HTML 1Page - Micro Linear Corporation ML4819 Datasheet HTML 2Page - Micro Linear Corporation ML4819 Datasheet HTML 3Page - Micro Linear Corporation ML4819 Datasheet HTML 4Page - Micro Linear Corporation ML4819 Datasheet HTML 5Page - Micro Linear Corporation ML4819 Datasheet HTML 6Page - Micro Linear Corporation ML4819 Datasheet HTML 7Page - Micro Linear Corporation ML4819 Datasheet HTML 8Page - Micro Linear Corporation ML4819 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ML4819
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
PIN
NAME
FUNCTION
1
ISENSE A
Input form the PFC current sense
transformer to the PWM comparator
(+). Current Limit occurs when this
point reaches 5V.
2
OVP
Input to Over-Voltage comparator.
3
GM OUT
Output of Gain Modulator. A resistor
to ground on this pin converts the
current to a voltage.
4
EA OUT A
Output of error amplifier.
5
INV A
Inverting input to error amplifier.
6ISINE
Current Multiplier input.
7
DUTY CYCLE PWM controller duty cycle is limited
by setting this pin to a fixed voltage.
8
PWM B
Error voltage feedback input.
9ISENSE B
Input for Current Sense resistor for
current mode operation or for
Oscillator ramp for voltage mode
operation.
10 RT
Oscillator timing resistor pin. A 5V
source across this resistor sets the
charging current for CT
11 ILIM
Cycle by cycle PWM current limit.
Exceeding 1V threshold on this pin
terminates the PWM cycle.
12 RAMP COMP Buffered output from the Oscillator
Ramp (CT). A resistor to ground sets a
current, 1/2 of which is sourced on
pins 9 and 11.
13 GND B
Return for the high current totem pole
output of the PWM controller.
14 OUT B
PWM controller totem pole output.
15 VCC
Positive Supply for the IC.
16 OUT A
PFC controller totem pole output.
17 GND A
Return for the high current totem pole
output of the PFC controller.
18 VREF
Buffered output for the 5V voltage
reference
19 GND
Analog signal ground.
20 CT
Timing Capacitor for the Oscillator.
PIN DESCRIPTION
ML4819
20-Pin PDIP
ISENSE A
OVP
GM OUT
EA OUT A
INV A
ISINE
DUTY CYCLE
PWM B
ISENSE B
RT
CT
GND
VREF
PGND A
OUT A
VCC
OUT B
PGND B
RAMP COMP
ILIM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com