Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4819 Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML4819
Description  Power Factor and PWM Controller Combo
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4819 Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML4819 Datasheet HTML 7Page - Micro Linear Corporation ML4819 Datasheet HTML 8Page - Micro Linear Corporation ML4819 Datasheet HTML 9Page - Micro Linear Corporation ML4819 Datasheet HTML 10Page - Micro Linear Corporation ML4819 Datasheet HTML 11Page - Micro Linear Corporation ML4819 Datasheet HTML 12Page - Micro Linear Corporation ML4819 Datasheet HTML 13Page - Micro Linear Corporation ML4819 Datasheet HTML 14Page - Micro Linear Corporation ML4819 Datasheet HTML 15Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ML4819
13
CONSTRUCTION AND LAYOUT TIPS
High frequency power circuits require special care during
breadboard construction and layout. Double sided printed
circuit boards with ground plane on one side are highly
recommended. All critical switching leads (power FET,
output diode, IC output and ground leads, bypass
capacitors) should be kept as small as possible. This is to
minimize both the transmission and pickup of switching
noise.
There are two kinds of noise coupling; inductive and
capacitive. As the name implies inductive coupling is
due to fast changing (high di/dt) circulating switching
currents. The main source is the loop formed by Q1, D6,
and
C3–C4. Therefore this loop should be as small as possible,
and the above capacitors should be good, high frequency
types.
The second form of noise coupling is due to fast changing
voltages (high dv/dt). The main source in this case is the
drain of the power FET. The radiated noise in this case can
be minimized by insulating the drain of the FET from the
heatsink and then tying the heatsink to the source of the
FET with a high frequency capacitor.
The IC has two ground pins named PWR GND and Signal
GND. These two pins should be connected together with a
very short lead at the printed circuit board exit point. In
general grounding is very important and ground loops
should be avoided. Star grounding schemes are preferred.
FROM
R23, C14
OSC
SLOPE
COMP.
CT
C6
DUTY CYCLE
ILIM
VREF
IRSC
2
PWM B
ISENSE BRV
1V
FROM U2, R15
0.7V
R13
R14
+
–
+
–
+
–
7
20
11
9
8
OSC
–
+
Figure 15. Voltage Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com