Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4822 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4822
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4822 Datasheet HTML 1Page - Micro Linear Corporation ML4822 Datasheet HTML 2Page - Micro Linear Corporation ML4822 Datasheet HTML 3Page - Micro Linear Corporation ML4822 Datasheet HTML 4Page - Micro Linear Corporation ML4822 Datasheet HTML 5Page - Micro Linear Corporation ML4822 Datasheet HTML 6Page - Micro Linear Corporation ML4822 Datasheet HTML 7Page - Micro Linear Corporation ML4822 Datasheet HTML 8Page - Micro Linear Corporation ML4822 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ML4822
4
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ZV SENSE COMPARATOR
Propagation Delay
100mV Overdrive
50
ns
Threshold Voltage
7.35
7.5
7.65
V
Input Capacitance
6pF
GAIN MODULATOR
Gain (Note 2)
IIAC = 100mA, VVRMS = 0V,
VFB = 0V
0.36
0.51
0.66
IIAC = 50mA, VVRMS = 1.2V,
VFB = 0V
1.20
1.72
2.24
IIAC = 100µA, VVRMS = 1.8V,
VFB = 0V
0.55
0.78
1.01
IIAC = 100µA, VVRMS = 3.3V,
VFB = 0V
0.14
0.20
0.26
Bandwidth
IIAC = 250µA
10
MHz
Output Voltage
VFB = 0V, VVRMS = 1.15V,
IIAC = 250µA
0.72
0.8
0.9
V
OSCILLATOR
Initial Accuracy
TA = 25°C
748086
kHz
Voltage Stability
VCCZ – 3V < VCC < VCCZ – 0.5V
1
%
Temperature Stability
2%
Total Variation
Line, temperature
72
88
kHz
Ramp Valley to Peak Voltage
2.5
V
Dead Time
100
300
450
ns
CT Discharge Current
4.5
7.5
9.5
mA
REFERENCE
Output Voltage
TA = 25°C, IREF = 1mA
7.425
7.5
7.575
V
Line Regulation
VCCZ – 3V < VCC < VCCZ – 0.5V
2
10
mV
Load Regulation
1mA < IREF, < 20mA
2
15
mV
Temperature Stability
0.4
%
Total Variation
Line, load, and temperature
7.395
7.605
V
Long Term Stability
Tj = 125°C, 1000 hours
5
25
mV
Short Circuit Current
VCC < VCCZ – 0.5V, VREF = 0V
–15
–40
–100
mA
PFC COMPARATOR
Minimum Duty Cycle
VIEAO > 6.7V
0
%
Maximum Duty Cycle
VIEAO < 1.2V
90
95
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com