Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4822 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4822
Description  ZVS Average Current PFC Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4822 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4822 Datasheet HTML 1Page - Micro Linear Corporation ML4822 Datasheet HTML 2Page - Micro Linear Corporation ML4822 Datasheet HTML 3Page - Micro Linear Corporation ML4822 Datasheet HTML 4Page - Micro Linear Corporation ML4822 Datasheet HTML 5Page - Micro Linear Corporation ML4822 Datasheet HTML 6Page - Micro Linear Corporation ML4822 Datasheet HTML 7Page - Micro Linear Corporation ML4822 Datasheet HTML 8Page - Micro Linear Corporation ML4822 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
May 1997
ML4822
*
ZVS Average Current PFC Controller
GENERAL DESCRIPTION
The ML4822 is a PFC controller designed specifically for
high power applications. The controller contains all of the
functions necessary to implement an average current
boost PFC converter, along with a Zero Voltage Switch
(ZVS) controller to reduce diode recovery and MOSFET
turn-on losses.
The average current boost PFC circuit provides high
power factor (>98%) and low Total Harmonic Distortion
(THD). Built-in safety features include undervoltage
lockout, overvoltage protection, peak current limiting, and
input voltage brownout protection.
The ZVS control section drives an external ZVS MOSFET
which, combined with a diode and inductor, soft switches
the boost regulator. This technique reduces diode reverse
recovery and MOSFET switching losses to reduce EMI and
maximize efficiency.
*This Part Is End Of Life As Of August 1, 2000
FEATURES
s
Average current sensing, continuous boost, leading
edge PFC for low total harmonic distortion and near
unity power factor
s
Built-in ZVS switch control with fast response for high
efficiency at high power levels
s
Average line voltage compensation with brownout
control
s
Current fed gain modulator improves noise immunity
and provides universal input operation
s
Overvoltage comparator eliminates output “runaway”
due to load removal
s
UVLO, current limit, and soft-start
s
Precision 1% reference
BLOCK DIAGRAM (Pin configuration shown for 14-pin package)
Q
S
R
–
+
1
14
VEAO
VEA
2.5V
FB
4
IAC
5
VRMS
+
–
3
ISENSE
8
GND
2
IEAO
+
–
IEA
R+
R–
+
–
–
–
6
RTCT
OSC
GAIN
MODULATOR
S
R
Q
+
–
2.7V
FB
–1V
12
VCC
VCCZ
13.5V
ZVS OUT
11
Q
S
R
Q
PFC OUT
9
PWR GND
10
OVP
I LIMIT
REF
13
ZV SENSE
7
+
VCCZ
REF
Q


Similar Part No. - ML4822

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4821 FAIRCHILD-ML4821 Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821 MICRO-LINEAR-ML4821 Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CP FAIRCHILD-ML4821CP Datasheet
106Kb / 12P
Power Factor Controller
logo
Micro Linear Corporatio...
ML4821CP MICRO-LINEAR-ML4821CP Datasheet
177Kb / 12P
Power Factor Controller
logo
Fairchild Semiconductor
ML4821CS FAIRCHILD-ML4821CS Datasheet
106Kb / 12P
Power Factor Controller
More results

Similar Description - ML4822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1848 TI-UC1848 Datasheet
359Kb / 9P
Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
Secondary Side Average Current Mode Controller
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
ZVS Average Current PFC Controller
logo
Intersil Corporation
ISL6755 INTERSIL-ISL6755 Datasheet
389Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
September 29, 2008
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
Average Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com