Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4824CS-2 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4824CS-2
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4824CS-2 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML4824CS-2 Datasheet HTML 3Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 4Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 5Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 6Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 7Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 8Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 9Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 10Page - Micro Linear Corporation ML4824CS-2 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ML4824
7
FUNCTIONAL DESCRIPTION
The ML4824 consists of an average current controlled,
continuous boost Power Factor Corrector (PFC) front end
and a synchronized Pulse Width Modulator (PWM) back
end. The PWM can be used in either current or voltage
mode. In voltage mode, feedforward from the PFC output
buss can be used to improve the PWM’s line regulation. In
either mode, the PWM stage uses conventional trailing-
edge duty cycle modulation, while the PFC uses leading-
edge modulation. This patented leading/trailing edge
modulation technique results in a higher useable PFC error
amplifier bandwidth, and can significantly reduce the size
of the PFC DC buss capacitor.
The synchronization of the PWM with the PFC simplifies
the PWM compensation due to the controlled ripple on
the PFC output capacitor (the PWM input capacitor). The
PWM section of the ML4824-1 runs at the same frequency
as the PFC. The PWM section of the ML4824-2 runs at
twice the frequency of the PFC, which allows the use of
smaller PWM output magnetics and filter capacitors while
holding down the losses in the PFC stage power
components.
In addition to power factor correction, a number of
protection features have been built into the ML4824. These
include soft-start, PFC over-voltage protection, peak
current limiting, brown-out protection, duty cycle limit,
and under-voltage lockout.
POWER FACTOR CORRECTION
Power factor correction makes a non-linear load look like
a resistive load to the AC line. For a resistor, the current
drawn from the line is in phase with and proportional to
the line voltage, so the power factor is unity (one). A
common class of non-linear load is the input of most
power supplies, which use a bridge rectifier and capacitive
input filter fed from the line. The peak-charging effect
which occurs on the input filter capacitor in these supplies
causes brief high-amplitude pulses of current to flow from
the power line, rather than a sinusoidal current in phase
with the line voltage. Such supplies present a power factor
to the line of less than one (i.e. they cause significant
current harmonics of the power line frequency to appear
at their input). If the input current drawn by such a supply
(or any other non-linear load) can be made to follow the
input voltage in instantaneous amplitude, it will appear
resistive to the AC line and a unity power factor will be
achieved.
To hold the input current draw of a device drawing power
from the AC line in phase with and proportional to the
input voltage, a way must be found to prevent that device
from loading the line except in proportion to the
instantaneous line voltage. The PFC section of the ML4824
uses a boost-mode DC-DC converter to accomplish this.
The input to the converter is the full wave rectified AC line
voltage. No bulk filtering is applied following the bridge
rectifier, so the input voltage to the boost converter ranges
(at twice line frequency) from zero volts to the peak value
of the AC input and back to zero. By forcing the boost
converter to meet two simultaneous conditions, it is
possible to ensure that the current which the converter
draws from the power line agrees with the instantaneous
line voltage. One of these conditions is that the output
voltage of the boost converter must be set higher than the
peak value of the line voltage. A commonly used value is
385VDC, to allow for a high line of 270VACrms. The other
condition is that the current which the converter is
allowed to draw from the line at any given instant must be
proportional to the line voltage. The first of these
requirements is satisfied by establishing a suitable voltage
control loop for the converter, which in turn drives a
current error amplifier and switching output driver. The
second requirement is met by using the rectified AC line
voltage to modulate the output of the voltage control loop.
Such modulation causes the current error amplifier to
command a power stage current which varies directly with
the input voltage. In order to prevent ripple which will
necessarily appear at the output of the boost circuit
(typically about 10VAC on a 385V DC level) from
introducing distortion back through the voltage error
amplifier, the bandwidth of the voltage loop is deliberately
kept low. A final refinement is to adjust the overall gain of
the PFC such to be proportional to 1/VIN2, which linearizes
the transfer function of the system as the AC input voltage
varies.
Since the boost converter topology in the ML4824 PFC is
of the current-averaging type, no slope compensation is
required.
PFC SECTION
Gain Modulator
Figure 1 shows a block diagram of the PFC section of the
ML4824. The gain modulator is the heart of the PFC, as it
is this circuit block which controls the response of the
current loop to line voltage waveform and frequency, rms
line voltage, and PFC output voltage. There are three
inputs to the gain modulator. These are:
1) A current representing the instantaneous input voltage
(amplitude and waveshape) to the PFC. The rectified AC
input sine wave is converted to a proportional current
via a resistor and is then fed into the gain modulator at
IAC. Sampling current in this way minimizes ground
noise, as is required in high power switching power
conversion environments. The gain modulator responds
linearly to this current.
2) A voltage proportional to the long-term rms AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the gain
modulator at VRMS. The gain modulator’s output is
inversely proportional to VRMS2 (except at unusually
low values of VRMS where special gain contouring takes
over, to limit power dissipation of the circuit
components under heavy brownout conditions). The
relationship between VRMS and gain is called K, and is
illustrated in the Typical Performance Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com