Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4865 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4865
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865 Datasheet(HTML) 6 Page - Micro Linear Corporation

Back Button ML4865 Datasheet HTML 2Page - Micro Linear Corporation ML4865 Datasheet HTML 3Page - Micro Linear Corporation ML4865 Datasheet HTML 4Page - Micro Linear Corporation ML4865 Datasheet HTML 5Page - Micro Linear Corporation ML4865 Datasheet HTML 6Page - Micro Linear Corporation ML4865 Datasheet HTML 7Page - Micro Linear Corporation ML4865 Datasheet HTML 8Page - Micro Linear Corporation ML4865 Datasheet HTML 9Page - Micro Linear Corporation ML4865 Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ML4865
6
900
700
500
300
100
0
VIN (V)
04
8
10
26
WITH
EXTERNAL
SCHOTTKY
WITHOUT
EXTERNAL
SCHOTTKY
Figure 4. Output Current vs. Input Voltage
Figure 5. Efficiency vs. Output Current
100
90
80
70
60
50
IOUT (mA)
1
10
100
1000
VOUT = 12V
with Schottky
without Schottky
VIN = 2V
VIN = 5V
VIN = 10V
DESIGN CONSIDERATIONS
INPUT VOLTAGE RANGE
The input voltage range determines whether an external
Schottky diode is necessary or optional. If the input
voltage is 6V or lower, the ML4865 can be operated as a
stand alone boost regulator with a shutdown that fully
isolates the input from the output. Adding an optional
Schottky diode extends the input voltage range up to 10V,
and improves the efficiency and the output current
capability. However, the external diode now provides a
leakage path from the input to the output during
shutdown.
OUTPUT CURRENT CAPABILITY
The maximum current available at the output of the
regulator is related to the maximum inductor current by
the ratio of the input to output voltage and the full load
efficiency. The maximum inductor current is dependent on
the input voltage. The full load efficiency may be as low
as 65% when the ML4865 is used without a Schottky
diode and can exhibit an input voltage dependence when
an external diode is used. The maximum output current
can be determined by using the typical performance
curves shown in Figures 4 and 5, or by calculation using
the following empirical equation:
I
V
V
I
OUT MAX
IN
OUT
IN
() @™
™ h (A)
(1)
Where, for applications using the internal synchronous
rectifier:
I
V
V
V
OUT MAX
IN
OUT
IN
()
..
.
@´
´
+
´
005
0 4
0 65
16
27
IV
IN
IN
=´
+
005
0 4
..
h = 065
.
And for applications using an external Schottky:
I
V
V
VV
OUT MAX
IN
OUT
IN
IN
()
..
.
.
@™
™
+
™
™
+
0 07
0 4
0 025
0 65
16
27 16
27
IV
IN
IN
=´
+
007
0 4
..
h =´
+
0 025
0 65
..
VIN
The curves and the equations are based on the operating
circuit shown in Figure 7. It is recommended to verify the
current capability and efficiency for the components
selected.
Figure 6. No Load Input Current vs. Input Voltage for the
Circuit of Figure 7
300
250
200
150
100
50
0
VIN (V)
04
6
10
8
2
WITH
EXTERNAL
SCHOTTKY
WITHOUT
EXTERNAL
SCHOTTKY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com