Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4865 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4865
Description  High Voltage High Current Boost Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4865 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4865 Datasheet HTML 1Page - Micro Linear Corporation ML4865 Datasheet HTML 2Page - Micro Linear Corporation ML4865 Datasheet HTML 3Page - Micro Linear Corporation ML4865 Datasheet HTML 4Page - Micro Linear Corporation ML4865 Datasheet HTML 5Page - Micro Linear Corporation ML4865 Datasheet HTML 6Page - Micro Linear Corporation ML4865 Datasheet HTML 7Page - Micro Linear Corporation ML4865 Datasheet HTML 8Page - Micro Linear Corporation ML4865 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
July 2000
ML4865
High Voltage High Current Boost Regulator
1
GENERAL DESCRIPTION
The ML4865 is a high voltage, continuous conduction
boost regulator designed for DC to DC conversion in
multiple cell battery powered systems. Continuous
conduction allows the regulator to maximize output
current for a given inductor. The maximum switching
frequency can exceed 200kHz, allowing the use of small,
low cost inductors. The ML4865 is capable of start-up with
input voltages as low as 1.8V and generates a 12V output
with output voltage accuracy of ±4%.
Unlike most boost regulators, the ML4865 isolates the
load from the battery when the SHDN pin is high. An
integrated synchronous rectifier eliminates the need for an
external Schottky diode and provides a lower forward
voltage drop, resulting in higher conversion efficiency. In
addition, low quiescent battery current and variable
frequency operation result in high efficiency even at light
loads. The ML4865 requires only one inductor and two
capacitors to build a very small regulator circuit capable
of achieving conversion efficiencies approaching 90%.
BLOCK DIAGRAM
FEATURES
s Guaranteed full load start-up and operation at 1.8V
input
s Continuous conduction mode for high output current
s Very low quiescent current
s Pulse frequency modulation and internal synchronous
rectification for high efficiency
s Maximum switching frequency > 200kHz
s Minimum external components
s Low ON resistance internal switching FETs
s Fixed 12V output can be adjusted to lower output
voltages
VL2
8
VOUT
1
SENSE
6
+
–
SHUTDOWN
CONTROL
7
SHDN
VIN
3
2.42V
START-UP
2
GND
VL1
4
SYNCHRONOUS
RECTIFIER
CONTROL
BOOST
CONTROL
SHDN
+
–
+
–
5
PWR GND
FEEDBACK
CONTROL


Similar Part No. - ML4865

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
ML4865CS-2 FAIRCHILD-ML4865CS-2 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
More results

Similar Description - ML4865

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4865 FAIRCHILD-ML4865 Datasheet
126Kb / 10P
High Voltage High Current Boost Regulator
logo
Micro Linear Corporatio...
ML4771 MICRO-LINEAR-ML4771 Datasheet
190Kb / 8P
High Current Boost Regulator
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
ML4871 MICRO-LINEAR-ML4871 Datasheet
237Kb / 9P
High Current Boost Regulator
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
High Current Boost Regulator with Shutdown
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
RICOH electronics devic...
R1152N RICOH-R1152N Datasheet
411Kb / 21P
High Input Voltage Tolerant Boost Voltage Regulator
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com