Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4903 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4903
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4903 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4903 Datasheet HTML 1Page - Micro Linear Corporation ML4903 Datasheet HTML 2Page - Micro Linear Corporation ML4903 Datasheet HTML 3Page - Micro Linear Corporation ML4903 Datasheet HTML 4Page - Micro Linear Corporation ML4903 Datasheet HTML 5Page - Micro Linear Corporation ML4903 Datasheet HTML 6Page - Micro Linear Corporation ML4903 Datasheet HTML 7Page - Micro Linear Corporation ML4903 Datasheet HTML 8Page - Micro Linear Corporation ML4903 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ML4903
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
1
D0
LSB input to the DAC which sets the
output voltage
2
D1
Input to the DAC which sets the
output voltage
3
D2
Input to the DAC which sets the
output voltage
4
D3
MSB input to the DAC which sets the
output voltage
5
RANGE
Range selection bit for the 2 chord 4-
bit DAC. Logic 1 sets the range at
2.1V to 3.5V with an LSB of 100mV.
Logic 0 sets the range at 1.8V to
2.05V with an LSB of 50mV.
6
SHDN
Grounding this pin shuts down the
regulator
8
PWR GOOD This open drain output goes low
whenever SHDN goes low or when
the output is not within +10% of its
nominal value
PIN
NAME
FUNCTION
9VREF
Bypass connection for the internal
3.5V reference
10
GND
Analog signal ground
11
VFB
Output voltage feedback pin
12
ISENSE
Current sense input
13
COMP
Connection for the compensation and
optional soft-start delay network
15
PWR GND
Power ground
16
N DRV
Synchronous rectifier driver output
17
P DRV
Buck switch driver output
18
VCC
Connection point for monitoring the
5V supply to determine the proper
condition of PWR GOOD
19
VDD
12V power supply input
20
PROTECT
Connection for the integrating current
limit network
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
ML4903
20-Pin TSSOP (T20)
D0
D1
D2
D3
RANGE
SHDN
NC
PWR GOOD
VREF
GND
PROTECT
VDD
VCC
P DRV
N DRV
PWR GND
NC
COMP
ISENSE
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com