Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML4903 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4903
Description  High Current Synchronous Buck Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4903 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4903 Datasheet HTML 1Page - Micro Linear Corporation ML4903 Datasheet HTML 2Page - Micro Linear Corporation ML4903 Datasheet HTML 3Page - Micro Linear Corporation ML4903 Datasheet HTML 4Page - Micro Linear Corporation ML4903 Datasheet HTML 5Page - Micro Linear Corporation ML4903 Datasheet HTML 6Page - Micro Linear Corporation ML4903 Datasheet HTML 7Page - Micro Linear Corporation ML4903 Datasheet HTML 8Page - Micro Linear Corporation ML4903 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ML4903
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK REGULATOR (Continued)
VFB Threshold Voltage (Note 2)
RANGE = 0, (D3-D0) Code = 0000
2.050
2.071
2.092
V
RANGE = 0, (D3-D0) Code = 0001
2.000
2.020
2.04
V
RANGE = 0, (D3-D0) Code = 0010
1.950
1.970
1.989
V
RANGE = 0, (D3-D0) Code = 0011
1.900
1.919
1.938
V
RANGE = 0, (D3-D0) Code = 0100
1.850
1.869
1.887
V
RANGE = 0, (D3-D0) Code = 0101
1.800
1.818
1.836
V
RANGE = 1, (D3-D0) Code = 0000
3.500
3.535
3.570
V
RANGE = 1, (D3-D0) Code = 0001
3.400
3.434
3.468
V
RANGE = 1, (D3-D0) Code = 0010
3.300
3.333
3.366
V
RANGE = 1, (D3-D0) Code = 0011
3.200
3.232
3.264
V
RANGE = 1, (D3-D0) Code = 0100
3.100
3.131
3.162
V
RANGE = 1, (D3-D0) Code = 0101
3.000
3.030
3.060
V
RANGE = 1, (D3-D0) Code = 0110
2.900
2.929
2.958
V
RANGE = 1, (D3-D0) Code = 0111
2.800
2.828
2.856
V
RANGE = 1, (D3-D0) Code = 1000
2.700
2.727
2.754
V
RANGE = 1, (D3-D0) Code = 1001
2.600
2.626
2.652
V
RANGE = 1, (D3-D0) Code = 1010
2.500
2.525
2.550
V
RANGE = 1, (D3-D0) Code = 1011
2.400
2.424
2.448
V
RANGE = 1, (D3-D0) Code = 1100
2.300
2.323
2.346
V
RANGE = 1, (D3-D0) Code = 1101
2.200
2.222
2.244
V
RANGE = 1, (D3-D0) Code = 1110
2.100
2.121
2.142
V
ISENSE Threshold Voltage
-80
-117
mV
ISENSE Hysteresis
10
mV
PROTECT Threshold Voltage
3.2
3.5
3.8
V
PROTECT Hysteresis
1.8
2
2.2
V
PROTECT Charging Current
V(ISENSE) = -120mV
30
µA
PROTECT Leakage Current
+100
nA
Transition Time,
CL = 5000pF, 10-90%
40
ns
P DRV and N DRV
SUPPLY
IDD
VDD Current
SHDN = 0V
650
900
µA
DAC (D3-D0) Code = 0000
SHDN = 5V, VFB = 5V
1
2
mA
SHDN = 5V, VFB = 0V, CL = 5000pF
20
mA
ICC
VCC Current
110
µA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.
Note 2: Codes 00110 to 01111, and 11111 are not valid; applying these codes to the DAC will shut off P DRV and N DRV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com