Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6428 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML6428
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML6428 Datasheet HTML 1Page - Micro Linear Corporation ML6428 Datasheet HTML 2Page - Micro Linear Corporation ML6428 Datasheet HTML 3Page - Micro Linear Corporation ML6428 Datasheet HTML 4Page - Micro Linear Corporation ML6428 Datasheet HTML 5Page - Micro Linear Corporation ML6428 Datasheet HTML 6Page - Micro Linear Corporation ML6428 Datasheet HTML 7Page - Micro Linear Corporation ML6428 Datasheet HTML 8Page - Micro Linear Corporation ML6428 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ML6428
4
DATASHEET
June, 2000
ELECTRICAL TABLE
Unless otherwise specified, VCC = 5V ±10%, All inputs AC coupled with 100nF, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
No Load (VCC = 5.0V)
52
80
mA
AV
Low Frequency Gain (All Channels)
VIN = 100mVP-P at 300KHz
5.34
6.0
6.65
dB
C DC Output Level (During Sync)
Sync Present on Y
1.7
1.9
2.3
V
Y Sync Output Level
ML6428-1
Sync Present on Y
0.7
0.9
1.3
V
ML6428-3
ML6428-2
Sync Present on Y
0.35
0.54
0.95
V
ML6428-4
Y+C Sync Output Level
ML6428-1
Sync Present on Y
0.7
0.92
1.3
V
ML6428-3
ML6428-2
Sync Present on Y
0.35
0.48
0.95
V
ML6428-4
tCLAMP
Clamp Response Time (Y Channel)
Settled to Within 10mV
2
ms
f1dB
-1dB Bandwidth (Flatness) (All Channels)
4.0
4.8
MHz
fC
-3dB Bandwidth (Flatness) (All Channels)
6.7
MHz
0.8fC
0.8 x fC Attenuation (Y, C)
1.5
dB
fSB
Stopband Rejection (All Channels)
fIN = 27MHz to 100MHz worst case
–38
–42
dB
Vi
Input Signal Dynamic Range (All Channels) AC Coupled
ML6428-1, -2
1.0
1.4
VP-P
ML6428-3, -4
1.2
1.4
VP-P
NOISE
Output Noise (All Channels)
25Hz to 50MHz
2.3
mVRMS
OS
Peak Overshoot (All Channels)
2VP-P Output Pulse (loaded)
4.3
%
ISC
Output Short Circuit Current (All Channels) VOUT C, Y, or CV (Note 2)
100
mA
CL
Output Shunt Capacitance (All Channels)
All Outputs
35
pF
dG
Differential Gain (All Channels)
All Outputs
0.4
%
d
F
Differential Phase (All Channels)
All Outputs
0.4
º
THD
Output Distortion (All Channels)
VOUT = 1.8VP-P,
0.7
%
Y/C Out at 3.58MHz/4.43MHz
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
DC Supply Voltage ........................................ -0.3V to 7V
Analog & Digital I/O ............ GND – 0.3V to VCC + 0.3V
Output Current (Continuous)
CV Channel ........................................................ 60mA
C and Y Channels ................................................ 30mA
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
qJA) ..................................... 67°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 70°C
VCC Range ..................................................4.5V to 5.5V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com