Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML6428 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML6428
Description  S-Video Filter and 75廓 Line Drivers with Summed Composite Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6428 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML6428 Datasheet HTML 1Page - Micro Linear Corporation ML6428 Datasheet HTML 2Page - Micro Linear Corporation ML6428 Datasheet HTML 3Page - Micro Linear Corporation ML6428 Datasheet HTML 4Page - Micro Linear Corporation ML6428 Datasheet HTML 5Page - Micro Linear Corporation ML6428 Datasheet HTML 6Page - Micro Linear Corporation ML6428 Datasheet HTML 7Page - Micro Linear Corporation ML6428 Datasheet HTML 8Page - Micro Linear Corporation ML6428 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ML6428
S-Video Filter and 75
W Line Drivers with
Summed Composite Output
1
GENERAL DESCRIPTION
The ML6428 is a dual Y/C 4th-order Butterworth lowpass
video filter optimized for minimum overshoot and flat
group delay. The device also contains a summing circuit
to generate filtered composite video.
The Y and C input signals from DACs are AC coupled into
the ML6428. Both channels have DC restore circuitry to
clamp the DC input levels during video sync. The Y
channel uses a sync tip clamp. The CV and the C
channels share a feedback clamp.
All outputs must be AC coupled into their loads for the -1
and -3 versions. The -2 and -4 versions are DC coupled.
All inputs (-1, -2, -3 and -4 versions) are AC coupled. The
Y or C outputs can drive 2VP-P into a 150
W load, while
the CV output can drive 2VP-P into 75
W. Thus the CV
output is capable of driving two independent 150
W loads
to 2VP-P.
On the CV output, one of the 75
W loads can be shorted to
ground with no loss of drive to the remaining load. The Y,
C and CV channels have a gain of 2 (6dB) with 1VP-P
input levels.
BLOCK DIAGRAM
FEATURES
s
6.7MHz Y and C filters, with CV out for NTSC or PAL
s
75
W cable line driver for Y, C, CV, and TV modulator
s
43dB stopband attenuation at 27MHz
s
1dB flatness up to 4.8MHz
s
No external frequency select components or clocks
s
12ns group delay flatness up to 10MHz
s
5% overshoot on any input edge
s
AC coupled input and output (ML6428CS-1 and -3)
s
AC coupled input and DC coupled output
(ML6428CS-2 and -4)
s
0.4% differential gain on all channels, 0.4º differential
phase on all channels
s
0.7% total harmonic distortion on all channels
s
5V ±10% operation
s
DC restore with low tilt
BUFFER
BUFFER
TRANSCONDUCTANCE
ERROR AMP
BUFFER
SYNC TIP CLAMP
4th-ORDER
FILTER
4th-ORDER
FILTER
4
1
3
8
6
5
GND
CIN
YIN
YOUT
CVOUT
COUT
VCCO
VCC
7
2
Σ
+
+
DATASHEET
June, 2000


Similar Part No. - ML6428

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
ML6428CS-1 FAIRCHILD-ML6428CS-1 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
ML6428CS-2 FAIRCHILD-ML6428CS-2 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
ML6428CS1 FAIRCHILD-ML6428CS1 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
ML6428CS2 FAIRCHILD-ML6428CS2 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
More results

Similar Description - ML6428

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6415 FAIRCHILD-ML6415 Datasheet
77Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6416 FAIRCHILD-ML6416 Datasheet
318Kb / 7P
S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6428 FAIRCHILD-ML6428 Datasheet
161Kb / 10P
S-Video Filter and 75 ??Line Drivers with Summed Composite Output
logo
Micro Linear Corporatio...
ML6415 MICRO-LINEAR-ML6415 Datasheet
294Kb / 9P
ML6415 S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
ML6427 MICRO-LINEAR-ML6427 Datasheet
224Kb / 16P
75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Fairchild Semiconductor
FMS6406 FAIRCHILD-FMS6406 Datasheet
26Kb / 1P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6406 FAIRCHILD-FMS6406_06 Datasheet
650Kb / 12P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
logo
ON Semiconductor
FMS6406 ONSEMI-FMS6406 Datasheet
706Kb / 14P
Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
Rev. 4.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com