Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ22005TZX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ22005TZX/NOPB
Description  5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ22005TZX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMZ22005TZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 21Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 22Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 23Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 24Page - Texas Instruments LMZ22005TZX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LMZ22005
www.ti.com
SNVS686J – MARCH 2011 – REVISED AUGUST 2015
For applications with dynamic load steps; the following equation provides a good first pass approximation of CO
for load transient requirements. Where VO-Tran is 100 mV on a 3.3-V output design.
CO ≥ IO-Tran / (VO-Tran – ESR × IO-Tran) × (Fsw / VO)
(8)
Solving:
CO ≥ 4.5 A / (0.1 V – 0.007 × 4.5 A) × ( 800000 Hz / 3.3 V) ≥ 271 μF
(9)
NOTE
The stability requirement for 200-µF minimum output capacitance will take precedence.
One recommended output capacitor combination is a 220-µF, 7-m
Ω ESR specialty polymer cap in parallel with a
100-µF, 6.3-V X5R ceramic. This combination provides excellent performance that may exceed the requirements
of certain applications. Additionally some small ceramic capacitors can be used for high-frequency EMI
suppression.
8.2.2.7 CIN Selection
The LMZ22005 module contains only a small amount of input capacitance. Additional input capacitance is
required external to the module to handle the input ripple current of the application. The input capacitor can be
several capacitors in parallel. This input capacitance must be located in very close proximity to the module. Input
capacitor selection is generally directed to satisfy the input ripple current requirements rather than by
capacitance value. Input ripple current rating is dictated by the equation:
I(CIN(RMS)) ≊ 1 / 2 × IO × SQRT (D / 1 – D)
where
•
D
≊ VO / VIN
(10)
As a point of reference, the worst case ripple current will occur when the module is presented with full load
current and when VIN = 2 × VO.
Recommended minimum input capacitance is 22-µF X7R (or X5R) ceramic with a voltage rating at least 25%
higher than the maximum applied input voltage for the application. TI recommends to pay attention to the voltage
and temperature derating of the capacitor selected. The ripple current rating of ceramic capacitors may be
missing from the capacitor data sheet and you may have to contact the capacitor manufacturer for this
parameter.
If the system design requires a certain minimum value of peak-to-peak input ripple voltage (
ΔVIN) be maintained
then the following equation may be used.
CIN ≥ IO × D × (1 – D) / fSW-CCM × ΔVIN
(11)
If
ΔVIN is 1% of VIN for a 12-V input to 3.3-V output application this equals 120 mV and fSW = 812 kHz.
CIN ≥ 5 A × 3.3 V / 12 V × (1 – 3.3 V / 12 V) / (812000 × 0.120 V) ≥ 10.2 μF
(12)
Additional bulk capacitance with higher ESR may be required to damp any resonant effects of the input
capacitance and parasitic inductance of the incoming supply lines. The LMZ22005 typical applications schematic
recommends a 150-
μF 50-V aluminum capacitor for this function. There are many situations where this capacitor
is not necessary.
8.2.2.8 Discontinuous And Continuous Conduction Modes Selection
The approximate formula for determining the DCM/CCM boundary is as follows:
IDCB ≊ VO × (VIN– VO) / (2 × 3.3 μH × fSW(CCM) × VIN)
(13)
The inductor internal to the module is 3.3
μH. This value was chosen as a good balance between low and high
input voltage applications. The main parameter affected by the inductor is the amplitude of the inductor ripple
current (ILR). ILR can be calculated with:
ILR P-P = VO× (VIN– VO) / (3.3 µH × fSW × VIN)
where
•
VIN is the maximum input voltage
•
And fSW is typically 812 kHz.
(14)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMZ22005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com