Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0331 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AR0331
Description  Full HD Digital Image Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 28Page - ON Semiconductor AR0331 Datasheet HTML 29Page - ON Semiconductor AR0331 Datasheet HTML 30Page - ON Semiconductor AR0331 Datasheet HTML 31Page - ON Semiconductor AR0331 Datasheet HTML 32Page - ON Semiconductor AR0331 Datasheet HTML 33Page - ON Semiconductor AR0331 Datasheet HTML 34Page - ON Semiconductor AR0331 Datasheet HTML 35Page - ON Semiconductor AR0331 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
31
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Sensor PLL
Configure the serial output so that it adheres to the following rules:
• The maximum data-rate per lane (FSERIAL) is 700 Mbps/lane (HiSPi).
• Configure the output pixel rate per lane (CLK_OP) so that the sensor output pixel rate
matches the peak pixel rate (2 x CLK_PIX).
– 4-lane: 4 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 148.5 Mpixel/s)
– 2-lane: 2 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 74.25 Mpixel/s)
– 1-lane: 1 x CLK_OP = 2 x CLK_PIX = Pixel Rate (max: 37.125 Mpixel/s)
Stream/Standby Control
The sensor supports a soft standby mode. In this mode, the external clock can be option-
ally disabled to further minimize power consumption. If this is done, then the “Power-
Up Sequence” on page 62 must be followed. When the external clock is disabled, the
sensor will be unresponsive to register writes and other operations.
Soft Standby is a low-power state that is controlled through register R0x301A[2]. The
sensor will go to Standby after completion of the current frame readout. When the
sensor comes back from Soft Standby, previously written register settings are still main-
tained. Soft Standby will not occur if the Trigger pin is held high.
A specific sequence needs to be followed to enter and exit from Soft Standby.
Entering Soft Standby:
1. Set R0x301A[12] = 1 if serial mode was used
2. Set R0x301A[2] = 0 and drive Trigger pin low.
Table 12:
PLL Parameters for the Serial Interface
Parameter
Symbol
Min
Max
Unit
External Clock
EXTCLK
6
48
MHz
VCO Clock
FVCO
384
768
MHz
Readout Clock
CLK_PIX
74.25
Mpixel/s
Output Clock
CLK_OP
37.125
Mpixel/s
Output Serial Data Rate Per Lane
FSERIAL
300 (HiSPi)
700 (HiSPi)
Mbps
Output Serial Clock Speed Per Lane
FSERIAL_CLK
150 (HiSPi)
350(HiSPi)
MHz
Table 13:
Example PLL Configurations for the Serial Interface
Parameter
4-lane
2-lane
1-lane
Units
16-bit
14-bit
12-bit
10-bit
12-bit
10-bit
10-bit
FVCO
594
519.75
445.5
742.5
445.5
742.5
742.5
MHz
vt_sys_clk_div
1
1
1
2
1
2
4
vt_pix_clk_div
8
7
6
5
12
10
10
op_sys_clk_div
1
1
1
2
1
2
2
op_pix_clk_div
16
14
12
10
12
10
10
FSERIAL
594
519.75
445.5
371.25
445.5
371.25
371.25
MHz
FSERIAL_CLK
297
259.875
222.75
185.63
222.75
185.63
185.63
MHz
CLK_PIX
74.25
74.25
74.25
74.25
37.125
37.125
18.563
Mpixel/s
CLK_OP
37.125
37.125
37.125
37.125
37.125
37.125
37.125
Mpixel/s
Pixel Rate
148.5
148.5
148.5
148.5
74.25
74.25
37.125
Mpixel/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com