Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR0331 Datasheet(PDF) 45 Page - ON Semiconductor

Part # AR0331
Description  Full HD Digital Image Sensor
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0331 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button AR0331 Datasheet HTML 41Page - ON Semiconductor AR0331 Datasheet HTML 42Page - ON Semiconductor AR0331 Datasheet HTML 43Page - ON Semiconductor AR0331 Datasheet HTML 44Page - ON Semiconductor AR0331 Datasheet HTML 45Page - ON Semiconductor AR0331 Datasheet HTML 46Page - ON Semiconductor AR0331 Datasheet HTML 47Page - ON Semiconductor AR0331 Datasheet HTML 48Page - ON Semiconductor AR0331 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
AR0331_DS Rev. L Pub. 5/15 EN
44
©Semiconductor Components Industries, LLC, 2015.
AR0331: 1/3-Inch 3.1 Mp/Full HD Digital Image Sensor
Changing Sensor Modes
Temperature Sensor
The AR0331 sensor has a built-in PTAT-based temperature sensor, accessible through
registers, that is capable of measuring die junction temperature.
The temperature sensor can be enabled by writing R0x30B4[0]=1 and R0x30B4[4]=1.
After this, the temperature sensor output value can be read from R0x30B2[9:0].
The value read out from the temperature sensor register is an ADC output value that
needs to be converted downstream to a final temperature value in degrees Celsius. Since
the PTAT device characteristic response is quite linear in the temperature range of oper-
ation required, a simple linear function in the format of the equation below can be used
to convert the ADC output value to the final temperature in degrees Celsius.
(EQ 9)
For this conversion, a minimum of two known points are needed to construct the line
formula by identifying the slope and y-intercept “T0”. These calibration values can be
read from registers R0x30C6 and R0x30C8, which correspond to value read at 70°C and
55°C respectively. Once read, the slope and y-intercept values can be calculated and
used in Equation 9.
For more information on the temperature sensor registers, refer to the AR0331 Register
Reference.
Temperature
slope
R0x30B2 9:0
 T
+
0
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com