Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C67-04/P Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16C67-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C67-04/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16C67-04/P Datasheet HTML 43Page - Microchip Technology PIC16C67-04/P Datasheet HTML 44Page - Microchip Technology PIC16C67-04/P Datasheet HTML 45Page - Microchip Technology PIC16C67-04/P Datasheet HTML 46Page - Microchip Technology PIC16C67-04/P Datasheet HTML 47Page - Microchip Technology PIC16C67-04/P Datasheet HTML 48Page - Microchip Technology PIC16C67-04/P Datasheet HTML 49Page - Microchip Technology PIC16C67-04/P Datasheet HTML 50Page - Microchip Technology PIC16C67-04/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 47
PIC16C6X
4.2.2.8
PCON REGISTER
The Power Control register (PCON) contains a flag bit
to allow differentiation between a Power-on Reset to an
external MCLR reset or WDT reset. Those devices with
brown-out detection circuitry contain an additional bit to
differentiate a Brown-out Reset condition from a
Power-on Reset condition.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Note:
BOR is unknown on Power-on Reset. It
must then be set by the user and checked
on subsequent resets to see if BOR is
clear, indicating a brown-out has occurred.
The BOR status bit is a “don't care” and is
not necessarily predictable if the brown-out
circuit is disabled (by clearing the BODEN
bit in the Configuration word).
FIGURE 4-22:
PCON REGISTER FOR PIC16C62/64/65 (ADDRESS 8Eh)
FIGURE 4-23: PCON REGISTER FOR PIC16C62A/R62/63/R63/64A/R64/65A/R65/66/67
(ADDRESS 8Eh)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-q
—
—
—
—
—
—
POR
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
q
= value depends on conditions
bit7
bit0
bit 7-2:
Unimplemented: Read as '0'
bit 1:
POR: Power-on Reset Status bit
1 = No Power-on Reset occurred
0 = A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0:
Reserved
This bit should be set upon a Power-on Reset by user software and maintained as set. Use of this bit as a general
purpose read/write bit is not recommended, since this may affect upward compatibility with future products.
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-q
—
—
—
—
—
—
POR
BOR
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
q
= value depends on conditions
bit7
bit0
bit 7-2:
Unimplemented: Read as '0'
bit 1:
POR: Power-on Reset Status bit
1 = No Power-on Reset occurred
0 = A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0:
BOR: Brown-out Reset Status bit
1 = No Brown-out Reset occurred
0 = A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com