Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C67-04/P Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C67-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C67-04/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C67-04/P Datasheet HTML 17Page - Microchip Technology PIC16C67-04/P Datasheet HTML 18Page - Microchip Technology PIC16C67-04/P Datasheet HTML 19Page - Microchip Technology PIC16C67-04/P Datasheet HTML 20Page - Microchip Technology PIC16C67-04/P Datasheet HTML 21Page - Microchip Technology PIC16C67-04/P Datasheet HTML 22Page - Microchip Technology PIC16C67-04/P Datasheet HTML 23Page - Microchip Technology PIC16C67-04/P Datasheet HTML 24Page - Microchip Technology PIC16C67-04/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 21
PIC16C6X
FIGURE 4-6:
PIC16C62/62A/R62/64/64A/
R64 REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
7Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
FFh
Bank 0
Bank 1
INDF(1)
INDF(1)
TMR0
OPTION
PCL
STATUS
FSR
PORTA
PORTB
PORTD(2)
PORTE(2)
PCLATH
INTCON
PCL
STATUS
FSR
TRISA
TRISB
TRISD(2)
TRISE(2)
PCLATH
INTCON
Unimplemented data memory location; read as '0'.
PORTC
TRISC
PIR1
PIE1
TMR1L
PCON
TMR1H
T1CON
TMR2
T2CON
PR2
SSPBUF
SSPADD
SSPSTAT
SSPCON
CCPR1L
CCPR1H
CCP1CON
General
Purpose
Register
0Dh
8Dh
0Eh
8Eh
0Fh
8Fh
10h
90h
11h
91h
12h
92h
13h
93h
14h
94h
15h
95h
16h
96h
17h
97h
18h
98h
1Fh
9Fh
20h
A0h
BFh
C0h
General
Purpose
Register
Note 1:
Not a physical register.
2:
PORTD and PORTE are not available on
the PIC16C62/62A/R62.
File Address
FIGURE 4-7:
PIC16C63/R63/65/65A/R65
REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
7Fh
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
FFh
Bank 0
Bank 1
INDF(1)
INDF(1)
TMR0
OPTION
PCL
STATUS
FSR
PORTA
PORTB
PORTD(2)
PORTE(2)
PCLATH
INTCON
PCL
STATUS
FSR
TRISA
TRISB
TRISD(2)
TRISE(2)
PCLATH
INTCON
Unimplemented data memory location; read as '0'.
PORTC
TRISC
PIR1
PIE1
PIR2
PIE2
TMR1L
PCON
TMR1H
T1CON
TMR2
T2CON
PR2
SSPBUF
SSPADD
SSPSTAT
SSPCON
CCPR1L
CCPR1H
CCP1CON
CCPR2L
CCPR2H
CCP2CON
RCSTA
TXREG
RCREG
TXSTA
SPBRG
General
Purpose
Register
General
Purpose
Register
0Dh
8Dh
0Eh
8Eh
0Fh
8Fh
10h
90h
11h
91h
12h
92h
13h
93h
14h
94h
15h
95h
16h
96h
17h
97h
18h
98h
19h
99h
1Ah
9Ah
1Bh
9Bh
1Ch
9Ch
1Dh
9Dh
1Eh
9Eh
1Fh
9Fh
20h
A0h
Note 1:
Not a physical register
2:
PORTD and PORTE are not available on
the PIC16C63/R63.
File Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com