Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC450029PKB Datasheet(PDF) 6 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor LC450029PKB Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LC450029PKB
No.A1916-6/25
Pad Functions
Symbol
Pad No.
Function
Active
I/O
Handling
when
unused
COM1 to
COM4
2 to 5
Common driver outputs.
The frame frequency is fo[Hz].
COM4 pad outputs the VSS level in 1/3-duty.
-
O
OPEN
S1 to S53
6 to 58
Segment outputs for displaying the display data transferred by serial data input.
S51 pad outputs the VSS level in 1/4-duty.
S52 pad and S53 pad output the VSS level at the control data DN=“0”.
S53 pad outputs the VSS level at external clock operating mode.
-
O
OPEN
INH
61
Display off control input
• INH = low (VSS) ...Display forced off (VSS level Output)
S1 to S53 = low (VSS)
COM1 to COM4 = low (VSS)
The internal oscillator stops.
Stops inputting external clock.
Serial data transfer can be used.
• INH = high (VDD)...Display on
Enables the internal oscillator circuit.
(Internal oscillator operating mode)
Enables external clock input.
(External clock operating mode)
While display on, LCD outputs force off (VSS level output)
by the control data BU=“1”.
While display on, LCD outputs off (off waveforms output)
by the control data SC=“1”.
L
I
GND
(VSS)
CE
62
H
I
DI
63
-
I
CL
64
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
DI: Transfer data
CL: Synchronization clock
I
GND
(VSS)
VLOGIC
65
Used to monitor pad for the power supply voltage of the logic circuit.
-
O
OPEN
VDDI
66 to 71
Power supply pad. A power voltage of 4.5 to 6.0V must be applied to these
pads.
-
-
-
OSCI
72
This pad can also be used as the external clock input pad when the external
clock operating mode is selected by control data.
This pad must be connected to GND at internal oscillator operating mode.
-
I
GND
(VSS)
VSS
73 to 90
Ground pad. Must be connected to ground.
-
-
-
VDD2
91
Used to monitor pad for the LCD drive bias voltage (1/3 VDD).
-
O
OPEN
VDD1
92
Used to monitor pad for the LCD drive bias voltage (2/3 VDD).
-
O
OPEN
VDD
93 to 105
Power supply pad. A power voltage of 4.5 to 6.0V must be applied to these
pads.
-
-
-
DUMMY
1, 59,
60, 106
Dummy pad. Must not be used.
-
OPEN
OPEN
(Note)
• Power supply pads (VDD, VDDI) should connect all pads to the same power supply.
(See sample applications circuits)
• GND pad (VSS) should connect all pads to the GND.
• When logic input pads (INH, CE, DI, CL, OSCI) are not used, must be fixed to GND (VSS).
• Must not use monitor pads (VLOGIC, VDD1, VDD2) in an external circuit.
• Must not connect dummy pad (DUMMY) mutually. Moreover, never use it in an external circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com