Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC450029PKB Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC450029PKB
Description  Duty General-Purpose LCD Display Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC450029PKB Datasheet(HTML) 1 Page - ON Semiconductor

  LC450029PKB Datasheet HTML 1Page - ON Semiconductor LC450029PKB Datasheet HTML 2Page - ON Semiconductor LC450029PKB Datasheet HTML 3Page - ON Semiconductor LC450029PKB Datasheet HTML 4Page - ON Semiconductor LC450029PKB Datasheet HTML 5Page - ON Semiconductor LC450029PKB Datasheet HTML 6Page - ON Semiconductor LC450029PKB Datasheet HTML 7Page - ON Semiconductor LC450029PKB Datasheet HTML 8Page - ON Semiconductor LC450029PKB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
21611HKIM 20101217-S00007 No.A1916-1/25
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LC450029PKB
Overview
The LC450029PKB is 1/4 duty and 1/3 duty general-purpose microcontroller-controlled LCD drivers that can be
used in applications such as frequency display in products with electronic tuning. In addition to being capable to
drive up to 208 segments directly. The internal oscillation circuit helps to reduce the number of external resistors and
capacitors required. The chip shape is slim for COG (Chip-On-Glass) implementation. The operating temperature
range is from -40
°C to +105°C
Application
• Car or general consumer electronic LCD display equipment.
Features
• Selectable 1/4-duty or 1/3-duty drive by the serial control data
When 1/4-duty: Capable of driving up to 208 segments
When 1/3-duty: Capable of driving up to 159 segments
• 1/3-bias only
• Serial data input supports CCB* format communication with the system controller. (For 5V operation only)
• The power-saving mode is selectable by the serial control data, and supports low power consumption.
• Adjustable the frame frequency of the common and segment output waveforms by the serial control data
• Selectable the internal oscillator operating or external clock operating mode by the serial control data
• High generality, since display data is displayed directly without the intervention of a decoder circuit.
• The INH pad allows all LCD segments to be forced to the off state.
• With a built-in oscillator circuit (External resistors and capacitors are unnecessary.)
• The stability of the LCD bias voltage is high by a built-in LCD bias generator with voltage-follower buffers.
• Shipping form: Chip with Au bumps in tray.
• Allowable operating voltage (VDD, VDDI)
: +4.5V to +6.0V
• Allowable wide operating temperature ranges
: -40
°C to +105°C
Ordering number : ENA1916
CMOS IC
1/4 and 1/3-Duty General-Purpose
LCD Display Driver
• CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
• CCB is a registered trademark of Semiconductor Components Industries, LLC.


Similar Part No. - LC450029PKB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC450029PKB ONSEMI-LC450029PKB Datasheet
156Kb / 25P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC450029PKB-XT ONSEMI-LC450029PKB-XT Datasheet
156Kb / 25P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC450029PKB ONSEMI-LC450029PKB_17 Datasheet
156Kb / 25P
Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Similar Description - LC450029PKB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
1/4-Duty General-Purpose LCD Display Driver
LC75844M SANYO-LC75844M_08 Datasheet
207Kb / 15P
1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
1/4-Duty General-Purpose LCD Display Driver
July, 2013
ENA0428 ONSEMI-ENA0428 Datasheet
160Kb / 18P
Duty General-Purpose LCD Display Driver
July, 2013
ENA1462 ONSEMI-ENA1462 Datasheet
207Kb / 22P
Duty General-Purpose LCD Display Driver
July, 2013
ENA1578 ONSEMI-ENA1578 Datasheet
148Kb / 18P
Duty Drive General-Purpose LCD Display Driver
July, 2013
LC75809PT ONSEMI-LC75809PT Datasheet
336Kb / 43P
Duty General-Purpose LCD Display Driver
July, 2013
LC75879PT ONSEMI-LC75879PT Datasheet
335Kb / 35P
Duty General-Purpose LCD Display Driver
July, 2013
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
1/4-Duty General-Purpose LCD Display Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com