Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53124 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53124
Description  RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53124 Datasheet(HTML) 1 Page - Micropac Industries

  53124 Datasheet HTML 1Page - Micropac Industries 53124 Datasheet HTML 2Page - Micropac Industries 53124 Datasheet HTML 3Page - Micropac Industries 53124 Datasheet HTML 4Page - Micropac Industries 53124 Datasheet HTML 5Page - Micropac Industries 53124 Datasheet HTML 6Page - Micropac Industries 53124 Datasheet HTML 7Page - Micropac Industries 53124 Datasheet HTML 8Page - Micropac Industries 53124 Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
02/15/01
53124
RADIATION TOLERANT, ± 90V - 0.8A
POWER MOSFET OPTOCOUPLER
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
•
Design Tested to 100 krad (Si) Total Dose
•
Hermetically Sealed in 8-Pin Dual-In-Line
Package
•
Performance over –55°C to +125°C
•
Compact Solid State Bi-directional Switch
•
AC/DC Power Switching
•
Maximum Average Current
AC/DC:
0.8 A
(1)
DC only: 1.6 A
(1)
Per Derating Curves (Figure 3)
AC/DC:
0.5 A
DC only: 1.0 A
•
Optically Coupled
•
Input/Output Isolation Tested to 1500 VDC
•
High Level of Transient Immunity
•
3 A Output Surge Current
•
Shock and Vibration Resistant
•
MIL-PRF-38534
•
Same foot print as HSSR7111 / Mii 53111 &
Electrically Similar
Applications:
•
Satellite/Space systems
•
Military/High Reliability Systems
•
Standard 28 VDC and 48 VDC Load Driver
•
Standard 24 VAC Load Driver
•
Aircraft Controls
•
AC/DC Electromechanical and Solid State
Relay Replacement
•
I/O Modules
•
Switching Heaters
DESCRIPTION
The 53124 is a single channel power MOSFET optocoupler which is suitable as a pin for pin replacement for the Mii
53111 when radiation tolerant performance and similar electrical performance to the 53111 is required. The primary
difference between the 53124 and 53111 is that the radiation tolerant power MOSFETs employed in the 53124
exhibit a higher RDS(ON). The higher values of RDS(ON) results in a lower current for the same power dissipation or
higher power dissipation for the same current levels relative to the 53111.
The popular eight pin, hermetic dual-in-line ceramic package combined with 1500 VDC isolation between input and
output, makes this optocoupler ideal for solid-state relay applications. Performance is specified over the full military
temperature range. This device is available as COTS, or as fully compliant MIL-PRF-38534 Class H or with custom
screening. Lead options support both through-hole and surface-mount assembly. Gold plated leads are standard,
but other lead finishes per MIL-PRF-38534 are also available.
Functionally, the device operates as a single-pole, normally open (1 Form A) solid-state relay. The device is
actuated by an input current, which can be supplied from standard logic types such as open-collector TTL. The
input current biases a light emitting diode that is optically coupled to an integrated photovoltaic diode array. The
photovoltaic array powers control circuitry that operates the output MOSFETs. Optimum switching of either AC or
DC loads is provided by a configurable output. For AC loads, Connection A in Figure 1 must be used. Connection
A will also switch DC loads but Connection B, in Figure 1, provides DC-only operation with the advantages of
substantial reduction in on-resistance and twice the output current capability as that obtained with Connection A.


Similar Part No. - 53124

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53124-1 TEC-53124-1 Datasheet
189Kb / 5P
202237-1
logo
Micropac Industries
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
POWER MOSFET OPTOCOUPLER
More results

Similar Description - 53124

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53253 MICROPAC-53253 Datasheet
121Kb / 5P
RADIATION TOLERANT, 90V - 0.8A DUAL POWER MOSFET OPTOCOUPLERS
66099 MICROPAC-66099 Datasheet
87Kb / 2P
HIGH VOLTAGE RADIATION TOLERANT OPTOCOUPLER
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Micropac Industries
53272 MICROPAC-53272 Datasheet
208Kb / 9P
POWER MOSFET OPTOCOUPLER 90V - 2.0A
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53253 MICROPAC-53253_07 Datasheet
81Kb / 8P
RADIATION TOLERANT, 90V - 0.8A
logo
Broadcom Corporation.
HSSR-7110 BOARDCOM-HSSR-7110 Datasheet
935Kb / 13P
90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
Skyworks Solutions Inc.
OLC049 SKYWORKS-OLC049 Datasheet
307Kb / 6P
Radiation-Tolerant, Phototransistor Surface-Mount Optocoupler
April 20, 2022
OLH249 SKYWORKS-OLH249 Datasheet
418Kb / 6P
Radiation-Tolerant, Phototransistor Hermetic Optocoupler
April 13, 2017
OLI149 SKYWORKS-OLI149 Datasheet
345Kb / 6P
Radiation Tolerant, Photo-Transistor Optocoupler
June 26, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com