Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53124 Datasheet(PDF) 10 Page - Micropac Industries

Part # 53124
Description  RADIATION TOLERANT, 짹 90V - 0.8A POWER MOSFET OPTOCOUPLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53124 Datasheet(HTML) 10 Page - Micropac Industries

Back Button 53124 Datasheet HTML 5Page - Micropac Industries 53124 Datasheet HTML 6Page - Micropac Industries 53124 Datasheet HTML 7Page - Micropac Industries 53124 Datasheet HTML 8Page - Micropac Industries 53124 Datasheet HTML 9Page - Micropac Industries 53124 Datasheet HTML 10Page - Micropac Industries 53124 Datasheet HTML 11Page - Micropac Industries 53124 Datasheet HTML 12Page - Micropac Industries 53124 Datasheet HTML 13Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
02/15/01
53124
Radiation Tolerant Power MOSFET Optocoupler
___________________________________________________________________________________________
TOTAL DOSE TEST RESULTS
Disclaimer: The data of 4 representative units irradiated in Cobalt-60 chamber is only typical of one lot of
solid state relays. Micropac does not guarantee performance of its SSR to these radiation levels. Individual
lots have to be screened to guarantee the performance.
Figure 9. Turn-On Time vs Total Dose
Figure 10. Rise Time vs Total Dose
at Vout = 28 V, Rload = 35 Ω,
at Vout = 28 V, Rload = 35 Ω,
Iin = 15 mA, 10% duty cycle.
Iin = 15 mA, 10% duty cycle.
Figure 11. Turn-Off Time vs Total Dose at Vout = 28 V,
Rload = 35 Ω, Iin = 15 mA, 10% duty cycle.
1.5
2.0
2.5
3.0
050
100
Total Dose, krad (Si)
0.5
1.0
1.5
050
100
Total Dose, krad (Si)
50
60
70
80
90
0
50
100
Total Dose, krad (Si)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com